Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 6Page - Allegro MicroSystems ATS625LSG Datasheet HTML 7Page - Allegro MicroSystems ATS625LSG Datasheet HTML 8Page - Allegro MicroSystems ATS625LSG Datasheet HTML 9Page - Allegro MicroSystems ATS625LSG Datasheet HTML 10Page - Allegro MicroSystems ATS625LSG Datasheet HTML 11Page - Allegro MicroSystems ATS625LSG Datasheet HTML 12Page - Allegro MicroSystems ATS625LSG Datasheet HTML 13Page - Allegro MicroSystems ATS625LSG Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Sensor Description
Figure 2. Device Cross Section. Relative motion of the target is detected
by the dual Hall elements mounted on the Hall IC. This view is from the
side opposite the pins.
Figure 3. This left-to-right (pin 1 to pin 4) direction of target rotation
results in a high output signal when a tooth of the target gear is centered
over the face of the sensor. A right-to-left (pin 4 to pin 1) rotation inverts
the output signal polarity.
Target (Gear)
Back-biasing Magnet
South Pole
North Pole
Plastic
(Pin 1 Side)
(Pin
n >1 Side)
Hall IC
Pole Piece
Element Pitch
(Concentrator)
Dual-Element
Hall Effect Device
Hall Element 1
Hall Element 2
of Sensor
Rotating Target
Branded Face
1
4
Assembly Description
The ATS625LSG true zero-speed gear tooth sensor is a com-
bined Hall IC-magnet configuration that is fully optimized to
provide digital detection of gear tooth edges. This sensor is
integrally molded into a plastic body that has been optimized for
size, ease of assembly, and manufacturability. High operating
temperature materials are used in all aspects of construction.
Sensing Technology
The gear tooth sensor contains a single-chip differential Hall
effect sensor IC, a 4-pin leadframe, a samarium cobalt magnet,
and a flat ferrous pole piece. The Hall IC consists of two Hall
elements spaced 2.2 mm apart, and each independently measures
the magnetic gradient created by the passing of a ferrous object.
This is illustrated in figures 2 and 3. The differential output of
the two elements is converted to a digital signal that is processed
to provide the digital output.
Switching Description
After proper power is applied to the component, the sensor is
then capable of providing digital information that is representa-
tive of the profile of a rotating gear, as illustrated in figure 4.
No additional optimization is needed and minimal processing
circuitry is required. This ease of use reduces design time and
incremental assembly costs for most applications.
Figure 4. The magnetic profile reflects the geometry of the target, allowing the device to present an accurate digital output response.
Target
Mechanical Profile
Target
Magnet ic Profile
Sensor Out put
Elect rical Profile
Target Motion from
Pin 1 to Pin 4
Sensor Out put
Elect rical Profile
Target Motion from
Pin 4 to Pin 1
Signature Tooth
B+
B
IN
V+
V
OUT
V+
V
OUT
Sensor Output
Switch State
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com