Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 10Page - Allegro MicroSystems ATS625LSG Datasheet HTML 11Page - Allegro MicroSystems ATS625LSG Datasheet HTML 12Page - Allegro MicroSystems ATS625LSG Datasheet HTML 13Page - Allegro MicroSystems ATS625LSG Datasheet HTML 14Page - Allegro MicroSystems ATS625LSG Datasheet HTML 15Page - Allegro MicroSystems ATS625LSG Datasheet HTML 16Page - Allegro MicroSystems ATS625LSG Datasheet HTML 17Page - Allegro MicroSystems ATS625LSG Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
14
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
SWITCHPOINTS
Switchpoints in the ATS625 are a percentage of the amplitude of
the signal, VPROC, after normalization with AGC. In operation,
the actual switching levels are determined dynamically. Two
DACs track the peaks of VPROC (see the Update subsection).
The switching thresholds are established at 40% and 60% of the
values held in the two DACs. The proximity of the thresholds
near the 50% level ensures the most accurate and consistent
switching, because it is where the slope of VPROC is steepest and
least affected by air gap variation.
The low hysteresis, 20%, provides high performance over vari-
ous air gaps and immunity to false switching on noise, vibration,
backlash, or other transient events.
Figure 8 graphically demonstrates the establishment of the
switching threshold levels.Because the thresholds are established
dynamically as a percentage of the peak-to-peak signal, the
effect of a baseline shift is minimized. As a result, the effects of
offsets induced by tilted or off-center installation are minimized.
UPDATE
The ATS625 incorporates an algorithm that continuously moni-
tors the system and updates the switching thresholds accordingly.
The switchpoint for each edge is determined by the signal result-
ing from the previous two edges. Because variations are tracked
in real time, the sensor has high immunity to target run-out and
retains excellent accuracy and functionality in the presence of
both run-out and transient mechanical events. Figure 9 shows
how the sensor uses historical data to provide the switching
threshold for a given edge.
Switching Threshold Levels
At Constant V
PROC
Level
0
100
BOP
V+
BRP
Off
On
Off
On
60
40
Figure 8. Switchpoint Relationship to Thresholds.The device switches
when VPROC passes a threshold level, BOP or BRP, while changing in the
corresponding direction: increasing for a BOP switchpoint, and decreasing
for a BRP switchpoint.
Figure 9. Switchpoint Determination. The two previous VPROC peaks are
used to determine the next threshold level: panel A, operate point, and
panel B, release point.
Dynamic BOP Threshold Determination
Dynamic BRP Threshold Determination
0
100
BOP
V+
On
Off
60
0
100
V+
BRP
Off
On
40
(A)
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com