Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 3Page - Allegro MicroSystems ATS625LSG Datasheet HTML 4Page - Allegro MicroSystems ATS625LSG Datasheet HTML 5Page - Allegro MicroSystems ATS625LSG Datasheet HTML 6Page - Allegro MicroSystems ATS625LSG Datasheet HTML 7Page - Allegro MicroSystems ATS625LSG Datasheet HTML 8Page - Allegro MicroSystems ATS625LSG Datasheet HTML 9Page - Allegro MicroSystems ATS625LSG Datasheet HTML 10Page - Allegro MicroSystems ATS625LSG Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Characteristic Data: Relative Timing Accuracy
Relative Timing Accuracy Versus Speed
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
500
1000
1500
2000
2500
Relative Timing Accuracy Versus Ambient
Signature Tooth Rising Edge
0.5 mm Air Gap
-50
0
50
100
150
200
Temperature, TA (°C)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Signature Tooth Falling Edge
0.5 mm Air Gap
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Temperature, TA (°C)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Rising Edge Following Signature Tooth
0.5 mm Air Gap
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Temperature, TA (°C)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-50
0
50
100
150
200
-50
0
50
100
150
200
0
500
1000
1500
2000
2500
0
500
1000
1500
2000
2500
Target Speed, S (rpm)
Target Speed, S (rpm)
Target Speed, S (rpm)
Relative Timing Accuracy Versus Speed
Relative Timing Accuracy Versus Speed
Relative Timing Accuracy Versus Ambient
Relative Timing Accuracy Versus Ambient
Signature Tooth Rising Edge
0.5 mm Air Gap
Signature Tooth Falling Edge
0.5 mm Air Gap
Rising Edge Following Signature Tooth
0.5 mm Air Gap
TA (°C)
–40
0
25
85
150
TA (°C)
–40
0
25
85
150
TA (°C)
–40
0
25
85
150
S (rpm)
50
100
500
1000
1500
2000
S (rpm)
50
100
500
1000
1500
2000
S (rpm)
50
100
500
1000
1500
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com