Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 8Page - Allegro MicroSystems ATS625LSG Datasheet HTML 9Page - Allegro MicroSystems ATS625LSG Datasheet HTML 10Page - Allegro MicroSystems ATS625LSG Datasheet HTML 11Page - Allegro MicroSystems ATS625LSG Datasheet HTML 12Page - Allegro MicroSystems ATS625LSG Datasheet HTML 13Page - Allegro MicroSystems ATS625LSG Datasheet HTML 14Page - Allegro MicroSystems ATS625LSG Datasheet HTML 15Page - Allegro MicroSystems ATS625LSG Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Sensor Operation Description
Power-On State
At power-on, the device is guaranteed to initialize in the OFF
state, with VOUT high.
First Edge Detection
The device uses the first two mechanical edges to synchronize
with the target features (tooth or valley) and direction of rotation
of the target. The device is synchonized by the third edge. The
actual behavior is affected by: target rotation direction relative to
the, target feature (tooth, rising edge, falling edge, or valley) that
is centered on the device at power-on, and fact that the sensor
powers-on in the OFF state,with VOUT high, regardless of the
eventual direction of target rotation. The interaction of these fac-
tors results in a number of possible power-on scenarios. These
are diagrammed in figure 6. In all start-up scenarios, the correct
number of output edges is provided, but the accuracy of the first
two edges may be compromised.
Target Mechanical Profile
Sensor Output, VOUT
(Start-up over valley)
Target Magnetic Profile
(Start-up over tooth)
(Start-up over rising edge)
(Start-up over falling edge)
Target Mechanical Profile
Sensor Output, VOUT
(Start-up over valley)
Target Magnetic Profile
(Start-up over tooth)
(Start-up over rising edge)
(Start-up over falling edge)
Sensor start-up location
Sensor start-up location
Sensor
Pin 4 Side
Sensor
Pin 1 Side
Target Motion Relative to Sensor
Sensor
Pin 1 Side
Sensor
Pin 4 Side
Target Motion Relative to Sensor
(A) Target relative movement
as shown in figure 3. Output
signal is high over the tooth.
(B) Target relative movement
opposite that shown in figure 3.
Output signal is low over the tooth.
Figure 6. Start-up Position And Relative Motion Effects on First Device Output Switching. Panel A shows the effects when the
target is moving from pin 1 toward pin 4 of the device; VOUT goes high at the approach of a tooth. When the target is moving
in the opposite direction, as in panel B, the polarity of the device output inverts; VOUT goes low at the approach of a tooth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com