Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS625LSG Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ATS625LSG
Description  True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS625LSG Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ATS625LSG Datasheet HTML 12Page - Allegro MicroSystems ATS625LSG Datasheet HTML 13Page - Allegro MicroSystems ATS625LSG Datasheet HTML 14Page - Allegro MicroSystems ATS625LSG Datasheet HTML 15Page - Allegro MicroSystems ATS625LSG Datasheet HTML 16Page - Allegro MicroSystems ATS625LSG Datasheet HTML 17Page - Allegro MicroSystems ATS625LSG Datasheet HTML 18Page - Allegro MicroSystems ATS625LSG Datasheet HTML 19Page - Allegro MicroSystems ATS625LSG Datasheet HTML 20Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
True Zero-Speed Low-Jitter High Accuracy
Gear Tooth Sensor
ATS625LSG
16
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ACCURACY
While the update algorithm will allow the sensor to adapt to
typical air gap variations, major changes in air gap can adversely
affect switching performance. When characterizing sensor
performance over a significant air gap range, be sure to re-power
the device at each test at different air gaps. This ensures that
self-calibration occurs for each installation condition. See the
Operating Characteristics table and the charts in the Character-
istic Data: Relative Timing Accuracy section for performance
information.
REPEATABILITY
Repeatability measurement methodology has been formulated to
minimize the effect of test system jitter on device measurements.
By triggering the measurement instrument, such as an oscillo-
scope, close to the desired output edge, the speed variations that
occur within a single revolution of the target are effectively nul-
lified. Because the trigger event occurs a very short time before
the measured event, little opportunity is given for measurement
system jitter to impact the time-based measurements.
After the data is taken on the oscilloscope, statistical analysis
of the distribution is made to quantify variability and capabil-
ity. Although complete repeatability results can be found in the
Characteristic Data: Repeatability section, figure 11 shows the
correlation between magnetic signal strength and repeatability.
Because an direct relationship exists between magnetic signal
strength and repeatability, optimum repeatability performance
can be attained through minimizing the operating air gap and
optimizing the target design.
Figure 11. Repeatability Measurement Methodology
Target Mechanical Profile
Sensor Output
Electrical Profile
(target movement
from pin 1 to pin 4)
Low Resolution Encoder
High Resolution Encoder
Oscilloscope triggers at
n events after low-resolution pulse
Statistical distribution
of 1000 sweeps
Next high-resolution encoder pulse
(at target edge)
X
Oscilloscope trace
of 1000 sweeps for
the same output edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com