Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 43Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 44Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 45Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 46Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 47Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 48Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 49Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 50Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
DocID032926 Rev 5
47/107
LSM6DSOP
Register description
107
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (r/w)
Table 20. FUNC_CFG_ACCESS register description
9.2
PIN_CTRL (02h)
SDO pin pull-up enable/disable register (r/w)
Table 22. PIN_CTRL register description
Table 19. FUNC_CFG_ACCESS register
FUNC_CFG_
ACCESS
PU_REG_
ACCESS
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
FUNC_CFG_ACCESS
Enable access to the embedded functions configuration registers(1).
Default value: 0
1. Details concerning the embedded functions configuration registers are available in Section 10: Embedded
functions register mapping and Section 11: Embedded functions register description.
PU_REG_ACCESS
Enable access to PU_CONFIG (14h).
Default value: 0
Table 21. PIN_CTRL register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
SDO_
PU_EN
1(2)
2. This bit must be set to '1' for the correct operation of the device.
1(2)
1(2)
1(2)
1(2)
1(2)
SDO_PU_EN
Enable pull-up on SDO pin
(0: SDO pin pull-up disconnected (default); 1: SDO pin with pull-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com