Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 88 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 84Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 85Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 86Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 87Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 88Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 89Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 90Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 91Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 107 page
background image
Embedded functions register description
LSM6DSOP
88/107
DocID032926 Rev 5
11.14
FSM_LONG_COUNTER_L (48h) and
FSM_LONG_COUNTER_H (49h)
FSM long counter status register (r/w).
Long counter value is an unsigned integer value (16-bit format); this value can be reset
using the LC_CLEAR bit in FSM_LONG_COUNTER_CLEAR (4Ah) register.
11.15
FSM_LONG_COUNTER_CLEAR (4Ah)
FSM long counter reset register (r/w).
Table 170. FSM_LONG_COUNTER_CLEAR register description
Table 165. FSM_LONG_COUNTER_L register
FSM_LC_
7
FSM_LC_
6
FSM_LC_
5
FSM_LC_
4
FSM_LC_
3
FSM_LC_
2
FSM_LC_
1
FSM_LC_
0
Table 166. FSM_LONG_COUNTER_L register description
FSM_LC_[7:0]
Long counter current value (LSbyte). Default value: 00000000
Table 167. FSM_LONG_COUNTER_H register
FSM_LC_
15
FSM_LC_
14
FSM_LC_
13
FSM_LC_
12
FSM_LC_
11
FSM_LC_
10
FSM_LC_
9
FSM_LC_
8
Table 168. FSM_LONG_COUNTER_H register description
FSM_LC_[15:8]
Long counter current value (MSbyte). Default value: 00000000
Table 169. FSM_LONG_COUNTER_CLEAR register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
FSM_LC_
CLEARED
FSM_LC_
CLEAR
FSM_LC_
CLEARED
This read-only bit is automatically set to 1 when the long counter reset is done.
Default value: 0
FSM_LC_CLEAR Clear FSM long counter value. Default value: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com