Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSOPTR Datasheet HTML 1Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 2Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 3Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 4Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 5Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 6Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 7Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 8Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
This is information on a product in full production.
February 2020
DocID032926 Rev 5
1/107
LSM6DSOP
iNEMO inertial module:
always-on 3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
 Power consumption: 0.55 mA in combo high-
performance mode
 “Always-on" experience with low power
consumption for both accelerometer and
gyroscope
 Smart FIFO up to 9 kbytes
 ±2/±4/±8/±16 g full scale
 ±125/±250/±500/±1000/±2000 dps full scale
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IO supply (1.62 V)
 Compact footprint: 2.5 mm x 3 mm x 0.83 mm
 SPI / I²C serial interface with main processor
data synchronization
 Standard interrupts: wakeup, 6D/4D
orientation, activity/inactivity recognition,
stationary/motion detection
 Programmable Finite State Machine:
accelerometer, gyroscope
 Embedded temperature sensor
 ECOPACK, RoHS and “Green” compliant
Applications
 Specific for smart pen applications
Description
The LSM6DSOP is a system-in-package featuring
a 3D digital accelerometer and a 3D digital
gyroscope boosting performance at 0.55 mA in
high-performance mode and enabling always-on
low-power features for an optimal motion
experience for the consumer.
The LSM6DSOP has been designed for smart
pen applications, offering multiple power modes
and also real, virtual and batch sensors with 9
kbytes for dynamic data batching. ST’s family of
MEMS sensor modules leverages the robust and
mature manufacturing processes already used for
the production of micromachined accelerometers
and gyroscopes. The various sensing elements
are manufactured using specialized
micromachining processes, while the IC
interfaces are developed using CMOS technology
that allows the design of a dedicated circuit which
is trimmed to better match the characteristics of
the sensing element.
The LSM6DSOP has a full-scale acceleration
range of ±2/±4/±8/±16 g and an angular rate
range of ±125/±250/±500/±1000/±2000 dps.
High robustness to mechanical shock makes the
LSM6DSOP the preferred choice of system
designers for the creation and manufacturing of
reliable products. The LSM6DSOP is available in
a plastic land grid array (LGA) package.
For further information, please contact your local
ST sales office or your distributor.
LGA-14L
(2.5 x 3 x 0.83 mm) typ.
Table 1. Device summary
Part number
Temp.
range
[°C]
Package
Packing
LSM6DSOPTR -40 to +85
LGA-14L
(2.5x3x0.83 mm)
Tape &
Reel
www.st.com


Similar Part No. - LSM6DSOPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSO/X STMICROELECTRONICS-LSM6DSO/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LSM6DSOPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com