Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 58 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 54Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 55Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 56Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 57Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 58Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 59Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 60Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 61Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 107 page
background image
Register description
LSM6DSOP
58/107
DocID032926 Rev 5
9.16
CTRL6_C (15h)
Control register 6 (r/w)
Table 53. CTRL6_C register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
XL_HM_MODE
USR_
OFF_W
FTYPE_2 FTYPE_1 FTYPE_0
Table 54. CTRL6_C register description
XL_HM_MODE
High-performance operating mode disable for accelerometer. Default value: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
USR_OFF_W
Weight of XL user offset bits of registers X_OFS_USR (73h), Y_OFS_USR (74h),
Z_OFS_USR (75h)
(0 = 2-10 g/LSB;
1 = 2-6 g/LSB)
FTYPE[2:0]
Gyroscope's low-pass filter (LPF1) bandwidth selection
Table 55 shows the selectable bandwidth values.
Table 55. Gyroscope LPF1 bandwidth selection
FTYPE
[2:0]
12.5 Hz
26 Hz
52 Hz
104 Hz
208 Hz
416 Hz
833 Hz 1.67 kHz 3.33 kHz 6.67 kHz
000
4.2
8.3
16.6
33.0
67.0
136.6
239.2
304.2
328.5
335.5
001
4.2
8.3
16.6
33.0
67.0
130.5
192.4
220.7
229.6
232.0
010
4.2
8.3
16.6
33.0
67.0
120.3
154.2
166.6
170.1
171.1
011
4.2
8.3
16.6
33.0
67.0
137.1
281.8
453.2
559.2
609.0
100
4.2
8.3
16.7
33.0
62.4
86.7
96.6
99.6
NA
NA
101
4.2
8.3
16.8
31.0
43.2
48.0
49.4
49.8
NA
NA
110
4.1
7.8
13.4
19.0
23.1
24.6
25.0
25.1
NA
NA
111
3.9
6.7
9.7
11.5
12.2
12.4
12.5
12.5
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com