Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 36Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 37Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 38Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 39Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 40Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 41Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 42Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 43Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
Functionality
LSM6DSOP
40/107
DocID032926 Rev 5
6.5.5
Bypass-to-Continuous mode
In Bypass-to-Continuous mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = '100'), data
measurement storage inside FIFO operates in Continuous mode when selected triggers are
equal to '1', otherwise FIFO content is reset (Bypass mode).
FIFO behavior changes according to the trigger event detected in one of the following
interrupt events:
Wake-up
D6D
6.5.6
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = '111'), data
measurement storage inside FIFO operates in FIFO mode when selected triggers are equal
to '1', otherwise FIFO content is reset (Bypass mode).
FIFO behavior changes according to the trigger event detected in one of the following
interrupt events:
Wake-up
D6D
6.5.7
FIFO reading procedure
The data stored in FIFO are accessible from dedicated registers and each FIFO word is
composed of 7 bytes: one tag byte (FIFO_DATA_OUT_TAG (78h), in order to identify the
sensor, and 6 bytes of fixed data (FIFO_DATA_OUT registers from (79h) to (7Eh)).
The DIFF_FIFO_[9:0] field in the FIFO_STATUS1 (3Ah) and FIFO_STATUS2 (3Bh)
registers contains the number of words (1 byte TAG + 6 bytes DATA) collected in FIFO.
In addition, it is possible to configure a counter of the batch events of accelerometer or
gyroscope sensors. The flag COUNTER_BDR_IA in FIFO_STATUS2 (3Bh) alerts that the
counter reaches a selectable threshold (CNT_BDR_TH_[10:0] field in
COUNTER_BDR_REG1 (0Bh) and COUNTER_BDR_REG2 (0Ch)). This allows triggering
the reading of FIFO with the desired latency of one single sensor. The sensor is selectable
using the TRIG_COUNTER_BDR bit in COUNTER_BDR_REG1 (0Bh). As for the other
FIFO status events, the flag COUNTER_BDR_IA can be routed on the INT pin by asserting
the corresponding bit (INT_CNT_BDR of INT_CTRL (0Dh).
In order to maximize the amount of accelerometer and gyroscope data in FIFO, the user can
enable the compression algorithm by setting to 1 both the FIFO_COMPR_EN bit in
EMB_FUNC_EN_B (05h) (embedded functions registers bank) and the
FIFO_COMPR_RT_EN bit in FIFO_CTRL2 (08h). When compression is enabled, it is also
possible to force writing non-compressed data at a selectable rate using the
UNCOPTR_RATE_[1:0] field in FIFO_CTRL2 (08h).
Meta information about accelerometer and gyroscope sensor configuration changes can be
managed by enabling the ODR_CHG_EN bit in FIFO_CTRL2 (08h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com