Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 53Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 54Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 55Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 56Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 57Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 58Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 59Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 60Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
DocID032926 Rev 5
57/107
LSM6DSOP
Register description
107
9.15
CTRL5_C (14h)
Control register 5 (r/w)
Table 50. CTRL5_C register description
Table 49. CTRL5_C register
XL_ULP_EN ROUNDING1 ROUNDING0
0(1)
1. This bit must be set to '0' for the correct operation of the device.
ST1_G
ST0_G
ST1_XL
ST0_XL
XL_ULP_EN
Accelerometer ultra-low-power mode enable(1). Default value: 0
(0: Ultra-low-power mode disabled; 1: Ultra-low-power mode enabled)
1. Further details about the accelerometer ultra-low-power mode are provided in Section 6.2.1:
Accelerometer ultra-low-power mode.
ROUNDING[1:0]
Circular burst-mode (rounding) read from the output registers. Default value: 00
(00: no rounding;
01: accelerometer only;
10: gyroscope only;
11: gyroscope + accelerometer)
ST[1:0]_G
Angular rate sensor self-test enable. Default value: 00
(00: Self-test disabled; Other: refer to Table 51)
ST[1:0]_XL
Linear acceleration sensor self-test enable. Default value: 00
(00: Self-test disabled; Other: refer to Table 52)
Table 51. Angular rate sensor self-test mode selection
ST1_G
ST0_G
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Not allowed
1
1
Negative sign self-test
Table 52. Linear acceleration sensor self-test mode selection
ST1_XL
ST0_XL
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com