Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 38Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 39Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 40Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 41Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 42Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 43Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 44Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 45Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
The procedure to correctly initialize the device is as follows:
1.
INT: Leave unconnected or connect with external pull-down during power-on. Pull-up must be avoided on this pin.
2.
Properly configure the device:
a)
SPI case: I2C_disable = 1 in CTRL4_C (13h) and DEVICE_CONF = 1 in CTRL9_XL (18h).
b)
I²C case: I2C_disable = 0 (default) in CTRL4_C (13h) and DEVICE_CONF = 1 in CTRL9_XL (18h).
Table 17. Internal pin status
pin#
Name
Pin function
Pin status
1
SDO
SPI 4-wire interface serial data output (SDO)
Default: input without pull-up.
Pull-up is enabled if bit SDO_PU_EN = 1 in reg 02h.
SA0
I²C least significant bit of the device address (SA0)
2
RES
Connect to VDDIO or GND
Default: input without pull-up.
Pull-up is enabled if bit PU_EN = 1 in reg 14h in pull-up configuration
registers (see Note to enable pull-up).
3
RES
Connect to VDDIO or GND
Default: input without pull-up.
Pull-up is enabled if bit PU_EN = 1 in reg 14h in pull-up configuration
registers (see Note to enable pull-up).
4
INT
Programmable interrupt
Default: input with pull-down(1)
1. INT must be set to '0' or left unconnected during power-on.
5
VDDIO
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
VDD
Power supply
9
NC
Leave unconnected
Default: output forced to ground
10
NC
Leave unconnected
Default: input with pull-up
11
NC
Leave unconnected
Default: input with pull-up
12
CS
I²C/SPI mode selection
(1:SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled)
Default: input with pull-up.
Pull-up is disabled if bit I2C_disable = 1 in reg 13h and
DEVICE_CONF = 1 in reg 18h.
13
SCL
I²C / SPI serial port clock (SPC)
Default: input without pull-up
14
SDA
I²C (SDA) / SPI serial data input (SDI) /
3-wire interface serial data output (SDO)
Default: input without pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com