Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 72 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 68Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 69Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 70Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 71Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 72Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 73Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 74Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 75Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
Register description
LSM6DSOP
72/107
DocID032926 Rev 5
9.39
INT_CFG (58h)
Enables interrupt and inactivity functions (r/w).
Table 109. INT_CFG register description
9.40
THS_6D (59h)
Portrait/landscape position and 4D/6D function threshold register (r/w).
00
80 degrees
01
70 degrees
10
60 degrees
11
50 degrees
Table 111. THS_6D register description
Table 108. INT_CFG register
INTERRUPTS_
ENABLE
INACT_
EN1
INACT_
EN0
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
INTERRUPTS_
ENABLE
Enable basic interrupts (6D/4D, wake-up, inactivity). Default value: 0
(0: interrupt disabled; 1: interrupt enabled)
INACT_EN[1:0]
Enable activity/inactivity (sleep) function. Default value: 00
(00: stationary/motion-only interrupts generated, XL and gyro do not change;
01: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro does not change;
10: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro to sleep mode;
11: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro to power-down
mode)
Table 110. THS_6D register
D4D_
EN
SIXD_
THS1
SIXD_
THS0
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
D4D_EN
4D orientation detection enable. Z-axis position detection is disabled.
Default value: 0
(0: disabled; 1: enabled)
SIXD_THS[1:0]
Threshold for 4D/6D function. Default value: 00
For details, refer to Table 112.
Table 112. Threshold for D4D/D6D function
SIXD_THS[1:0]
Threshold value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com