Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 13Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 14Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 15Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 16Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 17Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 18Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 19Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 20Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
DocID032926 Rev 5
17/107
LSM6DSOP
Pin description
107
3.1
Pin connections
The LSM6DSOP offers an I²C slave interface or SPI (3- and 4-wire) serial interface.
Figure 4. LSM6DSOP connections
Table 2. Pin description
Pin#
Name
Function
1
SDO
SPI 4-wire interface serial data output (SDO)
SA0
I²C least significant bit of the device address (SA0)
2
RES
Connect to VDDIO or GND
3
RES
Connect to VDDIO or GND
4
INT(1)
1. INT must be set to '0' or left unconnected during power-on.
Programmable interrupt
5
VDDIO(2)
2. Recommended 100 nF filter capacitor.
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
VDD(2)
Power supply
9
NC
Leave unconnected(3)
10
NC
Leave unconnected(3)
3. Leave pin electrically unconnected and soldered to PCB.
11
NC
Leave unconnected(3)
12
CS
I²C / SPI mode selection
(1: SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled)
13
SCL
I²C serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I²C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com