Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOPTR Datasheet(PDF) 82 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 78Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 79Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 80Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 81Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 82Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 83Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 84Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 85Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
Embedded functions register description
LSM6DSOP
82/107
DocID032926 Rev 5
11.4
PAGE_VALUE (09h)
Page value register (r/w)
Table 146. PAGE_VALUE register description
11.5
EMB_FUNC_INT (0Ah)
INT pin control register (r/w)
Each bit in this register enables a signal to be carried over INT. The pin's output will supply
the OR combination of the selected signals.
Table 148. EMB_FUNC_INT register description
Table 145. PAGE_VALUE register
PAGE_
VALUE7
PAGE_
VALUE6
PAGE_
VALUE5
PAGE_
VALUE4
PAGE_
VALUE3
PAGE_
VALUE2
PAGE_
VALUE1
PAGE_
VALUE0
PAGE_VALUE[7:0]
These bits are used to write (if the bit PAGE_WRITE = 1 in register PAGE_RW
(17h)) or read (if the bit PAGE_READ = 1 in register PAGE_RW (17h)) the data
at the address PAGE_ADDR[7:0] of the selected advanced features page.
Table 147. EMB_FUNC_INT register
INT_
FSM_
LC
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
INT_FSM_LC(1)
1. This bit is effective if the INT_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1.
Routing of FSM long counter timeout interrupt event on INT. Default value: 0 (0:
routing on INT disabled; 1: routing on INT enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com