Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 455 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 455 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 451Page - STMicroelectronics RM0016 Datasheet HTML 452Page - STMicroelectronics RM0016 Datasheet HTML 453Page - STMicroelectronics RM0016 Datasheet HTML 454Page - STMicroelectronics RM0016 Datasheet HTML 455Page - STMicroelectronics RM0016 Datasheet HTML 456Page - STMicroelectronics RM0016 Datasheet HTML 457Page - STMicroelectronics RM0016 Datasheet HTML 458Page - STMicroelectronics RM0016 Datasheet HTML 459Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 467 page
background image
DocID14587 Rev 14
455/467
RM0016
Revision history
463
25
Revision history
Table 79. Document revision history
Date
Revision
Changes
27-May-2008
1
Initial release.
13-Aug-2008
2
Updated Section 2: Memory and register map on page 27:
introduced high, medium and low density categories; modified end
address for option bytes; updated RAM, data EEPROM and Flash
program memory densities.
Updated Figure 18: Reset circuit on page 74
Update min reset pulse from 300 to 500 ns in Section 8.2: Reset
circuit description on page 74
Updated Table 6: Memory access versus programming method on
page 50.
Reorganized Section 16 on page 134 to Section 19 on page 253
Renamed USART and LINUART to UART1, UART2 and UART3
combined in new Section 22 on page 320.
Updated CAN filter and external clock description in Section 23 on
page 378.
Renamed ADC to ADC1 and ADC2 in Section 24 on page 428
Updated Continuous scan mode on page 433
Updated Conversion on external trigger on page 435
22-Sep-2008
3
Updated Section 4: Flash program memory and data EEPROM.
Changed name of SWUAH bit to REGAH in Section 9.9.1: Internal
clock register (CLK_ICKR) on page 90.
Modified LSI frequency measurement in Section 11.1 on page 105
Modified Peripheral clock gating register 1 (CLK_PCKENR1) on
page 95
Modified Section 11.8.2: Slope control on page 110.
Added description of TIM5, TIM6 in Section 16: Timer overview,
Section 18: 16-bit general purpose timers (TIM2, TIM3, TIM5) and
Section 19: 8-bit basic timer (TIM4, TIM6).
Updated Section 24.5.6: Analog watchdog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com