Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 456 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 456 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 452Page - STMicroelectronics RM0016 Datasheet HTML 453Page - STMicroelectronics RM0016 Datasheet HTML 454Page - STMicroelectronics RM0016 Datasheet HTML 455Page - STMicroelectronics RM0016 Datasheet HTML 456Page - STMicroelectronics RM0016 Datasheet HTML 457Page - STMicroelectronics RM0016 Datasheet HTML 458Page - STMicroelectronics RM0016 Datasheet HTML 459Page - STMicroelectronics RM0016 Datasheet HTML 460Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 467 page
background image
Revision history
RM0016
456/467
DocID14587 Rev 14
15-Jan-2009
4
Removed memory and register map (information transferred to
datasheets)
Register absolute addresses replaced by offsets. (refer now to
register map in datasheet for the base addresses).
Added Note related to TLI interrupt in Section 6.2.1 on page 60.
Added TLI in Section 6.5: Concurrent and nested interrupt
management.
Updated Flash program density to 32 - 128 Kbytes for high density
STM8S devices in Section 4: Flash program memory and data
EEPROM.
Updated size of STM8S option byte area in Section 4.4: Memory
organization and Figure 6, Figure 7, and Figure 8.
Updated maximum value of UBC in Figure 11.Added information on
DATA area programming on devices with and without RWW
capability in Section 4.6.2: Byte programming and Section 4.6.4:
Block programming.
Added HVOFF in: Fast block programming, : Fast block
programming, and Section 4.8.8: Flash status register
(FLASH_IAPSR). Updated bitfield access types in Section 4.8.8:
Flash status register (FLASH_IAPSR) on page 55.
Table 6: Memory access versus programming method: removed NMI
and TRAP vectors, modified access for option bytes in ICP/SWIM
mode/ROP enabled, and UBC ROP disabled.
Updated Table 28: Watchdog timeout period (LSI clock frequency =
128 kHz) on page 125
Updated Table 29: Approximate timeout duration on page 130
Table 30: Window watchdog timing diagram on page 131
Updated Note 8 on page 311
10-Aug-2009
5
Added note to Section 4.4: Memory organization.
Added Section 4.4.2: Memory access/ wait state configuration.
Updated maximum value of UCB[7:0] in Figure 2: Page 255 is
reserved for data EEPROM.
Added note 1 below Figure 10. Added note 1 and updated note 3
below Figure 11.
Check in PUL/DUL bits made mandatory in Section 4.5.2: Memory
access security system (MASS).
Added details in Section 4.6: Memory programming on word
programming in main program and DATA.
Updated Section 4.8.8: Flash status register (FLASH_IAPSR) on
page 55.
Added note to Section 9.1.2: HSI (high-speed internal) clock signal.
Updated Table 17 (UART peripheral clock gating bit description
moved to datasheet).
Updated Table 20: Low power mode management on page 102
Updated management of hardware interrupts in Section 6.1: ITC
introduction.
Removed interrupt vector table (moved to datasheet)
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com