Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 460 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 460 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 456Page - STMicroelectronics RM0016 Datasheet HTML 457Page - STMicroelectronics RM0016 Datasheet HTML 458Page - STMicroelectronics RM0016 Datasheet HTML 459Page - STMicroelectronics RM0016 Datasheet HTML 460Page - STMicroelectronics RM0016 Datasheet HTML 461Page - STMicroelectronics RM0016 Datasheet HTML 462Page - STMicroelectronics RM0016 Datasheet HTML 463Page - STMicroelectronics RM0016 Datasheet HTML 464Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 467 page
background image
Revision history
RM0016
460/467
DocID14587 Rev 14
31-Jan-2011
7
cont’d
– Removed Halt mode and HALT instruction from Section 6.4:
Activation level/low power mode control.
Section 11: General purpose I/O ports (GPIO):
– Added note Figure 24: GPIO block diagram.
– Removed warning note in Section 11.3: Port configuration and
usage.
– Updated Table 21: I/O port configuration summary.
– Updated Section 11.4: Reset configuration.
– Updated unused I/O pin status in Section 11.5: Unused I/O pins
– Added TLI masking in Section 11.7.2: Interrupt capability.
– Updated Section 11.7.3: Analog channels.
– Updated Section 11.8.2: Slope control.
– Changed reset value of Px_IDR to 0xXX in Section 11.9.2: Port x
pin input register (Px_IDR).
– Specified PD_CR1 reset value in Section 11.9.4: Port x control
register 1 (Px_CR1).
Section 12: Auto-wakeup (AWU):
– Modified Step 5 in Section 12.3.1: AWU operation.
Section 17: 16-bit advanced control timer (TIM1):
– Modified Figure 71: Center-aligned PWM waveforms (ARR = 8)
– Changed fSYSCLK to fMASTER in Figure 31: TIM1 general block
diagram.
– TIM1_TRIG renamed TIM1_ETR.
Section 20: Serial peripheral interface (SPI):
– Added note related to parallel multislave structures in
Section 20.3.2: Configuring the SPI in slave mode.
Section 21: Inter-integrated circuit (I2C) interface:
– Modified Figure 101: I2C block diagram on page 290, Figure 102:
Transfer sequence diagram for slave transmitter and Figure 103:
Transfer sequence diagram for slave receiver.
– Modified Section 21.4.2: I2C master mode.
– Modified PO bit description changed in Section 21.7.2: Control
register 2 (I2C_CR2).
– Modified note 8 in Section 21.7.7: Status register 1 (I2C_SR1),
Section 21.7.11: Clock control register low (I2C_CCRL) and
Section 21.7.12: Clock control register high (I2C_CCRH).
– Added Table 50: I2C_CCR values for SCL frequency table
(fMASTER = 10 MHz or 16 MHz).
Section 22: Universal asynchronous receiver transmitter
(UART):
– Updated LIN break and delimiter detection.
– Updated Table 54: Baud rate programming and error calculation.
– Updated interrupt source flags and slave mode features updated in
Section 22.2.
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com