Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 461 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 461 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 457Page - STMicroelectronics RM0016 Datasheet HTML 458Page - STMicroelectronics RM0016 Datasheet HTML 459Page - STMicroelectronics RM0016 Datasheet HTML 460Page - STMicroelectronics RM0016 Datasheet HTML 461Page - STMicroelectronics RM0016 Datasheet HTML 462Page - STMicroelectronics RM0016 Datasheet HTML 463Page - STMicroelectronics RM0016 Datasheet HTML 464Page - STMicroelectronics RM0016 Datasheet HTML 465Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 467 page
background image
DocID14587 Rev 14
461/467
RM0016
Revision history
463
31-Jan-2011
7(continued)
Section 23: Controller area network (beCAN):
– Modified fCANEXT upper limit in Section 23.9: Clock system.
– SLEEP and AWUM bit description updated in Section 23.11.1:
CAN master control register (CAN_MCR)
– External beCAN clock source (fCANEXT) removed together with bit
CLKS of CAN_BTR2 register.
– Removed CAN register CLK_CANCCR.
Section 24: Analog/digital converter (ADC):
– Updated address offset for ADC _CSR to ADC_AWCRL.
– Added AIN12 pin and Note 1 in Figure 159: ADC1 block diagram,
and note related to AIN12 in Section 24.5.4: Conversion modes.
15-Dec-2011
8
Added value line STM8S devices on page 1
Modified Section 4.4.1: STM8S and STM8AF memory organization
on page 36
Modified Section 6.6: External interrupts on page 66
Modified TLIS bit description in Section 6.9.4: External interrupt
control register 1 (EXTI_CR2) on page 71
Modified Figure 20: Clock tree on page 79.
Modiifed HSE oscillator in quartz crystal configuration in Section 9.6:
Clock security system (CSS) on page 88
Removed one sentence in Section 11.8.1: Alternate function output
on page 110.
Modified Timeout period on page 125
Modified Figure 101: I2C block diagram on page 290 (SMBA pin
removed)
Replaced SYSCLK with fCPU in Section 15: Window watchdog
(WWDG) on page 128.
Modified Section 15.7: Using Halt mode with the WWDG
(WWDGHALT option) on page 132
Removed note 1 below Figure 101: I2C block diagram on page 290
Added one note in Section : Output stage
Added one note to OPM bit description in Section 18.6.1: Control
register 1 (TIMx_CR1)
Note added below Section 21.7.9: Status register 3 (I2C_SR3) on
page 313
Modified title of Table 55: UART receiver tolerance when
UART_DIV[3:0] is zero on page 337 and Table 56: UART receiver’s
tolerance when UART_DIV[3:0] is different from zero on page 338
Modified RWU bit description in Section 22.7.6: Control register 2
(UART_CR2) on page 367
Modified Section 23.4.2: Normal mode on page 382
Added note to FE bit description in Section 22.7.1: Status register
(UART_SR) on page 363
Modified Section 24.9: Reading the conversion result on page 440
and Section 24.11.2: ADC data buffer register x low (ADC_DBxRL)
(x=or 0..7 or 0..9) (DBL[7:0] instead of DB[7:0])
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com