Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 459 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 459 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 455Page - STMicroelectronics RM0016 Datasheet HTML 456Page - STMicroelectronics RM0016 Datasheet HTML 457Page - STMicroelectronics RM0016 Datasheet HTML 458Page - STMicroelectronics RM0016 Datasheet HTML 459Page - STMicroelectronics RM0016 Datasheet HTML 460Page - STMicroelectronics RM0016 Datasheet HTML 461Page - STMicroelectronics RM0016 Datasheet HTML 462Page - STMicroelectronics RM0016 Datasheet HTML 463Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 467 page
background image
DocID14587 Rev 14
459/467
RM0016
Revision history
463
31-Jan-2011
7
Merge with STM8A reference manual (RM0009).
Renamed low power modes, Halt, Active-halt, Wait, and Run in the
whole document.
Added overview of STM8S and STM8A device families on
coverpage.
Section 2: Boot ROM: added LIN mode configuration.
Section 3: Memory and register map:
– Updated Section 3.1.1: Memory map to cover both STM8A and
STM8S devices.
– Added Section 3.1.2: Stack handling.
Section 4: Flash program memory and data EEPROM
– Updated Flash program memory and SRAM size for medium
density STM8S and STM8A devices in Section 4.4.1: STM8S and
STM8AF memory organization.
– Added Note 1 below Figure 7: Flash memory and data EEPROM
organization on medium density STM8S and STM8AF.
– Added 32 Kbyte and 128 Kbyte STM8A devices and Section 4.4.2:
Memory access/ wait state configuration.
– Section 4.5.1: Readout protection: added DM mode when readout
protection is enabled, and Section : Temporarily removing the
readout protection.
– Added case of FLASH_CR1/FLASH_CR2 access during memory
write operation in Section 4.6.1: Read-while-write (RWW).
– Moved all information related to temporary memory unprotection to
dedicated application note.
Section 7: Power supply:
– Removed minimum VCAP value in Power section overview.
Section 8: Reset (RST):
– Changed EMS to EMC.
– Added Section 8.1: “Reset state” and “under reset” definitions.
– Replace numerical values by tOP(NRST) and tINFP(NRST) in
Section 8.2: Reset circuit description.
Section 9: Clock control (CLK):
– Added Table 14: Devices with 4 trimming bits and Table 15:
Devices with 3 trimming bits in Section 9.1.2: HSI (high-speed
internal) clock signal.
– Updated CLK_HSITRIMR, CLK_SWIMCCR, and CLK_SWCR
reset values.
Section 10: Power management:
– Updated Fast clock wakeup in Section 10.2.3: Active-halt modes.
Section 6: Interrupt controller (ITC):
– Added caution note concerning interrupt disabling inside an ISR in
Section 6.2: Interrupt masking and processing flow.
– Added Push CC instruction in Table 11: Dedicated interrupt
instruction set.
– Removed note 3 in Section 6.2.1: Servicing pending interrupts.
Removed case of TRAP interruption by TLI in Section 6.2.2:
Interrupt sources.
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com