Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0016 Datasheet(PDF) 462 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 462 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 458Page - STMicroelectronics RM0016 Datasheet HTML 459Page - STMicroelectronics RM0016 Datasheet HTML 460Page - STMicroelectronics RM0016 Datasheet HTML 461Page - STMicroelectronics RM0016 Datasheet HTML 462Page - STMicroelectronics RM0016 Datasheet HTML 463Page - STMicroelectronics RM0016 Datasheet HTML 464Page - STMicroelectronics RM0016 Datasheet HTML 465Page - STMicroelectronics RM0016 Datasheet HTML 466Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 467 page
background image
Revision history
RM0016
462/467
DocID14587 Rev 14
07-May-2013
9
Added low density STM8AF devices.
Replaced all references of STM8A with STM8AF.
Updated Table 14: Devices with 4 trimming bits.
Updated Section 11.5: Unused I/O pins.
Updated Halt/ Active-halt description in Table 68: beCAN behavior in
low power modes.
Added UART4 in Section 22: Universal asynchronous receiver
transmitter (UART).
Updated Section 23.4.4: Time triggered communication mode.
19-Jun-2014
10
– Introduction: updated the description of the medium and high
density STM8AF devices.
– Section 4.4.1: STM8S and STM8AF memory organization:
updated the description of Medium density STM8AF devices.
– Section 23: Controller area network (beCAN): changed the default
reset value for CAN_MSR.
– Section 6: Interrupt controller (ITC): replaced IRS_CC with
ISR_CC in the footnote of Table 9: Interrupt enabling/disabling
inside an ISR.
– Section 11: General purpose I/O ports (GPIO): removed the
footnote (1) in Table 21: I/O port configuration summary
– Section 24: Analog/digital converter (ADC): replaced the first
sentence in Section 24.5.6: Analog watchdog, and replaced
AWDENx with AWENx in the heading of Table 74.
– Section 21: Inter-integrated circuit (I2C) interface: added the
section “SCL master clock generation”, and updated
Section 21.4.2: I2C master mode, Section 21.7.3: Frequency
register (I2C_FREQR) and Section 21.7.13: TRISE register
(I2C_TRISER).
– Section 24.5.3: Channel selection: corrected a typo on ACD_CSR.
– Updated Section 11.7.4: Schmitt trigger.
23-Mar-2015
11
Updated:
– the document title and the Introduction on the cover page,
– the very first sentence in Section 17.4.6: Synchronization between
TIM1, TIM5 and TIM6 timers,
– TS[2:0] bit definitions in Section 17.7.3: Slave mode control
register (TIM1_SMCR),
– TS[2:0] bit definitions in Section 18.6.3: Slave mode control
register (TIM5_SMCR)
– TS[2:0] bit definitions in Section 19.6.3: Slave mode control
register (TIM6_SMCR)
– Section 17.4.6: Synchronization between TIM1, TIM5 and TIM6
timers: replaced “TS = 001 in the TIMx_SMCR register” with “see
TS[2:0] bit definitions in TIMx_SMCR register.
– Section 23.4: Operating modes: added a note about PG0 port,
– the Disclaimer.
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com