Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 51Page - STMicroelectronics STM32F469 Datasheet HTML 52Page - STMicroelectronics STM32F469 Datasheet HTML 53Page - STMicroelectronics STM32F469 Datasheet HTML 54Page - STMicroelectronics STM32F469 Datasheet HTML 55Page - STMicroelectronics STM32F469 Datasheet HTML 56Page - STMicroelectronics STM32F469 Datasheet HTML 57Page - STMicroelectronics STM32F469 Datasheet HTML 58Page - STMicroelectronics STM32F469 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
DocID029237 Rev 2
55/91
AN4861
Creating a graphical application with LTDC
89
An example of LTDC configuration using STM32CubeMX is described in Section 6.2.4:
LTDC peripheral configuration.
Pixel clock and timings configuration
At this stage of the graphical application development, the user should have already
checked and confirmed that the desired display size and color depth are compatible with the
hardware configuration. Therefore, the pixel clock to be configured should be already
known, either extracted from display datasheet or calculated (see Section 4.2.2: Checking
display compatibility considering the memory bandwidth requirements).
Example: LTDC timings configuration for ROCKTECH RK043FN48H display
embedded on the STM32F746G-DISCO board
At first, the user should extract the timing parameters from the display’s datasheet (see
Table 14). It is recommended to use typical display timings.
Table 14. LCD-TFT timings extracted from ROCKTECH RK043FN48H datasheet (1)
1. The gray cells highlight the values used in the example presented below.
Item
Symbol
Min.
Typ.
Max.
Unit
DCLK frequency
Fclk
5
9
12
MHz
DCLK period
Tclk
83
110
200
ns
Hsync
Period time
Th
490
531
605
DCLK
Display period
Thdisp
-
480
-
DCLK
Back porch
Thbp
8
43
-
DCLK
Front porch
Thfp
2
8
-
DCLK
Pulse width
Thw
1
-
-
DCLK
Vsync
Period time
Tv
275
288
335
H
Display period
Tvdisp
-
272
-
H
Back porch
Tvbp
2
12
-
H
Front porch
Tvfp
1
4-
H
Pulse width
Tvw
1
10
-
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com