Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 8Page - STMicroelectronics STM32F469 Datasheet HTML 9Page - STMicroelectronics STM32F469 Datasheet HTML 10Page - STMicroelectronics STM32F469 Datasheet HTML 11Page - STMicroelectronics STM32F469 Datasheet HTML 12Page - STMicroelectronics STM32F469 Datasheet HTML 13Page - STMicroelectronics STM32F469 Datasheet HTML 14Page - STMicroelectronics STM32F469 Datasheet HTML 15Page - STMicroelectronics STM32F469 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
Display and graphics overview
AN4861
12/91
DocID029237 Rev 2
MIPI display parallel interface (MIPI-DPI)
The DPI standardizes the interface through a TFT controller. An example is when using a 16
to 24-bit RGB signaling in conjunction with synchronization signals (HSYNC, VSYNC, EN
and LCD_CLK).
The DPI is used to interface with a display without a framebuffer. The pixel data must be
streamed real time to the display.
The real-time performance is excellent, but it requires a high bandwidth in the MCU to feed
the display.
Figure 7. MIPI-DPI interface
MIPI display serial interface (MIPI-DSI)
In order to decrease the number of lines to interface with a display, the MIPI Alliance has
defined the DSI. The DSI is a high bandwidth multi-lane differential link; it uses standard
MIPI D-PHY for the physical link.
The DSI encapsulates either DBI or DPI signals and transmits them to the D-PHY through
the PPI protocol.
Figure 8 illustrates a MPI-DSI display interfacing example.
Figure 8. MIPI-DSI interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com