Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 27Page - STMicroelectronics STM32F469 Datasheet HTML 28Page - STMicroelectronics STM32F469 Datasheet HTML 29Page - STMicroelectronics STM32F469 Datasheet HTML 30Page - STMicroelectronics STM32F469 Datasheet HTML 31Page - STMicroelectronics STM32F469 Datasheet HTML 32Page - STMicroelectronics STM32F469 Datasheet HTML 33Page - STMicroelectronics STM32F469 Datasheet HTML 34Page - STMicroelectronics STM32F469 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
DocID029237 Rev 2
31/91
AN4861
Creating a graphical application with LTDC
89
4
Creating a graphical application with LTDC
This section illustrates the different steps required before and during a graphical application
development using LTDC. The user should at first determine the graphical application
requirements, then check if the desired display size fits the hardware configuration. During
the graphical application compatibility check phase, the user can use the existing STM32
reference boards described in Table 17 to evaluate his hardware and software
configuration.
4.1
Determining graphical application requirements
Determining the graphical application needs is a crucial step to start from. Some of the most
important parameters to be defined before starting the creation of the graphical application
are: display resolution, color depth, as well as the nature of the data to display (static
images, text or animation).
Once the basic parameters mentioned above are defined, the user should determine the
graphical hardware architecture of the application as well as the required hardware
resources. The user should select the best-fitting STM32 package (see Table 13) according
to the following parameters:
If an external memory is needed for the framebuffer
The external framebuffer memory bus width
The LTDC interface: RGB565, RGB666 or RGB888 depending on the display module
If an external memory is needed to store graphic primitives (QSPI or FMC_NOR)
4.2
Checking the display size and color depth compatibility
with the hardware configuration
When starting a graphic application development using a STM32 microcontroller, the user
usually has a defined desired display size and color depth. A key question that the user
must answer before continuing the development is if such display size and color depth
match a specific hardware configuration?.
In order to answer this question, the user should follow below steps:
1.
Determine the required framebuffer size and its location.
2.
Check the compatibility of the display versus the framebuffer memory bandwidth
requirements.
3.
Check the compatibility of the display panel interface with the LTDC.
4.2.1
Framebuffer memory size requirements and location
Determining the framebuffer memory size and its location is a key parameter for the display
compatibility check.
The memory space required in the RAM to support the framebuffer should be contiguous
and with a minimum size equal to:
Framebuffer size = number of pixels x bits per pixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com