Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 52Page - STMicroelectronics STM32F469 Datasheet HTML 53Page - STMicroelectronics STM32F469 Datasheet HTML 54Page - STMicroelectronics STM32F469 Datasheet HTML 55Page - STMicroelectronics STM32F469 Datasheet HTML 56Page - STMicroelectronics STM32F469 Datasheet HTML 57Page - STMicroelectronics STM32F469 Datasheet HTML 58Page - STMicroelectronics STM32F469 Datasheet HTML 59Page - STMicroelectronics STM32F469 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
Creating a graphical application with LTDC
AN4861
56/91
DocID029237 Rev 2
Based on Table 14, the extracted timing parameters are:
–
Display period (active width) = 480 pixels
–
Back porch HBP = 43 pixels
–
Front porch HFP = 8 pixels
–
Pulse width HSYNC = 1 pixel (minimum value)
–
Display period (active height) = 272 pixels
–
Vertical back porch VBP = 12 pixels
–
Front porch VFP = 4 pixels
–
Pulse width VSYNC = 10 pixel
Program timing parameters: once that the timing parameters are extracted, they are
used to program the LTDC timing registers, Table 15 summarizes all the parameters to
be programmed.
Timing parameters configuration with STM32CubeMX: it is very easy to program
the timing parameters using STM32CubeMX, the user should simply fill the extracted
parameters in the LTDC configuration window (see section Section 6.2.4: LTDC
peripheral configuration).
Pixel clock configuration with STM32CubeMX: the pixel clock is calculated with a
60 Hz refresh rate as shown below:
LCD_CLK = TOTALW x TOTALH x refresh rate
Based on Table 15, TOTALW = 531 and TOTALH = 297.
And for this example:
LCD_CLK = 531 x 297 x 60 = 9.5 MHz
Refer to the LTDC pixel clock configuration STM32CubeMX example in Section 6.2.4.
LTDC control signals polarity configuration
The LTDC control signals (HSYNC, VSYNC, DE and LCD_CLK) polarities must be
configured respecting the display specifications. The user should note that only the DE
control signal should be inverted versus the DE polarity indicated in the display datasheet.
The other control signals should be configured exactly like the display datasheet.
Table 15. Programming LTDC timing registers
Register
Value to be
programmed
LTDC_SSCR
HSW[11:0]
HSYNC Width - 1
0
VSH[11:0]
VSYNC Height - 1
9
LTDC_BPCR
AHBP[11:0]
HSYNC Width + HBP - 1
43
AVBP[10:0]
VSYNC Height + VBP - 1
21
LTDC_AWCR
AAW[11:0]
HSYNC Width + HBP + Active Width - 1
523
AAH[10:0]
VSYNC Height + BVBP + Active Height - 1
293
LTDC_TWCR
TOTALW[11:0] HSYNC Width + HBP + Active Width + HFP - 1
531
TOTALH[10:0]
VSYNC Height+ BVBP + Active Height + VFP - 1
297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com