Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 62Page - STMicroelectronics STM32F469 Datasheet HTML 63Page - STMicroelectronics STM32F469 Datasheet HTML 64Page - STMicroelectronics STM32F469 Datasheet HTML 65Page - STMicroelectronics STM32F469 Datasheet HTML 66Page - STMicroelectronics STM32F469 Datasheet HTML 67Page - STMicroelectronics STM32F469 Datasheet HTML 68Page - STMicroelectronics STM32F469 Datasheet HTML 69Page - STMicroelectronics STM32F469 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
LTDC application examples
AN4861
66/91
DocID029237 Rev 2
Figure 35. Backlight controller module
6.2.2
How to check if a specific display size matches the
hardware configuration
This section assumes that at this stage the user has a desired display size of
480 x 272 @ 60Hz and with a 24 bpp color depth and that the next step is to select the right
hardware configuration.
Desired display panel
The desired display is the ROCKTECH RK043FN48H-CT672B display:
•
Display resolution: 480 x 272 pixels with LED backlight and capacitive touch panel.
•
Display interface: 24-bit RGB888 (in total 28 signals).
Determining framebuffer size and location
Depending on its size and on the internal available SRAM size, the framebuffer can be
located either in the internal SRAM or in the external SDRAM. The total embedded SRAM
size for the STM32F746NGH6 MCU is 320 Kbyte where SRAM1 (240 Kbyte) can be used
(see Figure 10: LTDC AHB master in STM32F7x6, STM32F7x7, STM32F7x8 and
STM32F7x9 smart architecture).
The framebuffer size is calculated in the following way:
•
For 24 bpp
–
framebuffer (Kbyte) = 480 x 272 x 3 / 1024 = 382.5
•
For 16 bpp
–
framebuffer (Kbyte) = 480 x 272 x 2 / 1024 = 255
•
For 8 bpp:
–
framebuffer (Kbyte) = 480 x 272 / 1024 = 128
So based on these results, the required framebuffer size is about 128 Kbyte for 8 bpp. In
that case, the framebuffer can be located in the internal SRAM1 (240 Kbyte). This is not
valid for a double framebuffer case as the size of 128 x 2 Kbyte exceeds the internal SRAM
size.
For the 16 bpp color depth and in a double framebuffer configuration, the required
framebuffer size (2 x 255 Kbyte) exceeds the internal SRAM size, so using an external
SRAM or SDRAM is a must for this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com