Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 2Page - STMicroelectronics STM32F469 Datasheet HTML 3Page - STMicroelectronics STM32F469 Datasheet HTML 4Page - STMicroelectronics STM32F469 Datasheet HTML 5Page - STMicroelectronics STM32F469 Datasheet HTML 6Page - STMicroelectronics STM32F469 Datasheet HTML 7Page - STMicroelectronics STM32F469 Datasheet HTML 8Page - STMicroelectronics STM32F469 Datasheet HTML 9Page - STMicroelectronics STM32F469 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
List of figures
AN4861
6/91
DocID029237 Rev 2
List of figures
Figure 1.
Basic embedded graphic system . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
Display module with embedded controller and GRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Display module without controller nor GRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
Display module without controller nor GRAM and with external framebuffer . . . . . . . . . . . 10
Figure 5.
MIPI-DBI type A or B interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
MIPI-DBI type C interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
MIPI-DPI interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
MIPI-DSI interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
LTDC AHB master in STM32F429/439 and STM32F469/479 lines
smart architecture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 10.
LTDC AHB master in STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9
smart architecture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 11.
LTDC Block digram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
LTDC signal interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 13.
Typical LTDC display frame (active width = 480 pixels) . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 14.
Fully programmable timings and resolutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 15.
LTDC fully programmable display resolution with
total width up to 4096 pixels and total height up to 2048 lines . . . . . . . . . . . . . . . . . . . . . . 25
Figure 16.
Blending two layers with a background . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 17.
Layer window programmable size and position . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 18.
Pixel data mapping versus color format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 19.
Programmable color layer in framebuffer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 20.
Pixel format conversion from RGB565 input pixel format to the internal
ARGB8888 format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 21.
AHB masters concurrent access to SDRAM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 22.
Typical graphic hardware configuration with external SDRAM . . . . . . . . . . . . . . . . . . . . . . 36
Figure 23.
Double buffering: synchronizing LTDC with DMA2D or CPU . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 24.
Example of taking advantage from memory slaves split
on the STM32F4x9 line MCUs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 25.
Burst access crossing the kilobyte boundary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 26.
Reducing layer window and framebuffer line widths. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 27.
Adding dummy bytes to make the line width multiple of 64 bytes. . . . . . . . . . . . . . . . . . . . 47
Figure 28.
Placing the two buffers in independent SDRAM banks . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 29.
FMC SDRAM and NOR/PSRAM memory swap at default
system memory map (MPU disabled). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 30.
Connecting an RGB666 display panel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 31.
Low-end graphic implementation example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 32.
High-end graphic implementation example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 33.
Graphic hardware configuration in the STM32F746G-DISCO . . . . . . . . . . . . . . . . . . . . . . 64
Figure 34.
LCD-TFT connection in the STM32F746G-DISCO board . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 35.
Backlight controller module. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 36.
STM32CubeMX: LTDC GPIOs configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 37.
STM32CubeMX: PJ7 pin configuration to LTDC_G0 alternate function . . . . . . . . . . . . . . . 68
Figure 38.
STM32CubeMX: LTDC configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Figure 39.
STM32CubeMX: LTDC GPIOs output speed configuration . . . . . . . . . . . . . . . . . . . . . . . . 69
Figure 40.
STM32CubeMX: display enable pin (LCD_DISP) configuration . . . . . . . . . . . . . . . . . . . . . 70
Figure 41.
STM32CubeMX: setting LCD_DISP pin output level to high . . . . . . . . . . . . . . . . . . . . . . . 70
Figure 42.
STM32CubeMX: enabling LTDC global and error interrupts . . . . . . . . . . . . . . . . . . . . . . . 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com