Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 39Page - STMicroelectronics STM32F469 Datasheet HTML 40Page - STMicroelectronics STM32F469 Datasheet HTML 41Page - STMicroelectronics STM32F469 Datasheet HTML 42Page - STMicroelectronics STM32F469 Datasheet HTML 43Page - STMicroelectronics STM32F469 Datasheet HTML 44Page - STMicroelectronics STM32F469 Datasheet HTML 45Page - STMicroelectronics STM32F469 Datasheet HTML 46Page - STMicroelectronics STM32F469 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
DocID029237 Rev 2
43/91
AN4861
Creating a graphical application with LTDC
89
As shown in the example described in Figure 24, the SRAM2 and SRAM3 are dedicated to
graphics for the framebuffer while the SRAM1 is used by the CPU.
Figure 24. Example of taking advantage from memory slaves split
on the STM32F4x9 line MCUs
4.5.2
Optimizing the LTDC framebuffer fetching from external memories
(SDRAM or SRAM)
Another consideration related to the SDRAM/SRAM, is the placement of the framebuffer
and the line length data size. Since the AHB Bus matrix prohibits a memory burst access
that crosses the one Kilobyte boundary and as the LTDC performs burst read of 64 bytes,
placing the content of the framebuffer in an address at the edge of one kilobyte splits the
burst read into single accesses, which can heavily affect the graphical performances.
The same problem can occur when the data size of one line of pixels is not a multiple of
64 bytes. Under these conditions and after a number of accesses, the LTDC read burst
crosses the Kilobyte boundary which splits the burst read into single accesses.
As a consequence, when the LTDC is not generating a burst, each access is interrupted by
a CPU or another master access (Chrom-Art Accelerator®, Ethernet, or other). This
interruptions highly reduce the LTDC bandwidth on a high latency memory like the external
SDRAM, which leads to an underrun.
To solve the issue described above, the user may choose a color depth that does not lead to
the described issue or use one of the two following methods:
•
Reduce the layer window and the framebuffer line widths.
•
Add a number of dummy bytes at the end of every line of pixels to match the closest
frame line width multiple of 64 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com