Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 19Page - STMicroelectronics STM32F469 Datasheet HTML 20Page - STMicroelectronics STM32F469 Datasheet HTML 21Page - STMicroelectronics STM32F469 Datasheet HTML 22Page - STMicroelectronics STM32F469 Datasheet HTML 23Page - STMicroelectronics STM32F469 Datasheet HTML 24Page - STMicroelectronics STM32F469 Datasheet HTML 25Page - STMicroelectronics STM32F469 Datasheet HTML 26Page - STMicroelectronics STM32F469 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
DocID029237 Rev 2
23/91
AN4861
LCD-TFT (LTDC) display controller description
89
Example of a typical LTDC display frame
The Figure 13 shows an example of a typical LTDC display frame showing the timing
parameters described in Table 6.
Figure 13. Typical LTDC display frame (active width = 480 pixels)
LTDC flexible timings
The LTDC peripheral allows the user to interface with any display size with total width of up
to 4096 pixels and total height of up to 2048 lines (refer to Table 6).
Figure 14 illustrates fully programmable timings and resolutions.
LTDC_TWCR
TOTALW[11:0]
HSYNC width + HBP + active width + HFP - 1
From 1 to 4096 pixels
TOTALH[10:0]
VSYNC height + BVBP + active height + VFP - 1
From 1 to 2048 lines
1. Setting HSYNC to 0 in HSW[11:0] gives one pulse width of one LCD_CLK. Setting VSYNC to 0 in VSW[11:0] gives one
total line period
Table 6. LTDC timing registers (continued)
Register
Timing parameter
Value to be
programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com