Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 28Page - STMicroelectronics STM32F469 Datasheet HTML 29Page - STMicroelectronics STM32F469 Datasheet HTML 30Page - STMicroelectronics STM32F469 Datasheet HTML 31Page - STMicroelectronics STM32F469 Datasheet HTML 32Page - STMicroelectronics STM32F469 Datasheet HTML 33Page - STMicroelectronics STM32F469 Datasheet HTML 34Page - STMicroelectronics STM32F469 Datasheet HTML 35Page - STMicroelectronics STM32F469 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Creating a graphical application with LTDC
AN4861
32/91
DocID029237 Rev 2
As shown in the formula above, the required framebuffer size depends on the display
resolution and on its color depth.
It is not necessary that the framebuffer color depth (bpp) is the same than the display color
depth. For instance, an RGB888 display can be driven using an RGB565 framebuffer.
Note:
The required framebuffer size is doubled for double framebuffer configuration. It is common
to use a double buffer configuration where one graphic buffer is used to store the current
image while the second buffer used to prepare the next image.
Table 9 shows the framebuffer size needed for standard screen resolutions with different
pixel formats.
Framebuffer location
Depending on the required framebuffer size, it can be located either in an internal SRAM or
in an external SRAM/SDRAM.
If the internal RAM is not enough for the framebuffer, the user must use an external
SDRAM/SRAM connected to the FMC.
Consequently, the required framebuffer size will determine if the use of an external memory
is needed or not. The required framebuffer size depends on the display size and color
depth.
Locating the framebuffer in the Internal SRAM
Depending on the framebuffer size, it can be placed either in the internal SRAM or the
external SRAM or SDRAM.
Using an internal SRAM as a framebuffer allows the maximum performances and avoids
any bandwidth limitation issues for the LTDC.
Table 9. Framebuffer size for different screen resolutions
Screen resolution
Number of
pixels
Framebuffer size (Kbyte)(1)
1. The required framebuffer size is doubled for double framebuffer configuration.
8 bpp
16 bpp
24 bpp
32 bpp
QVGA (320 x 240)
76800
75
150
225
300
Custom (480 x 272)(2)
2. An example of a custom 480 x 272 display is the ROCKTECH embedded on the STM32F746 discovery kit
(32F746GDISCOVERY).
130560
128
255
383
510
HVGA(480 x 320)
153600
150
300
450
600
VGA (640 x 480)
307200
300
600
900
1200
WVGA(800 x 480)
384000
375
750
1125
1500
SVGA (800 x 600)
480000
469
938
1407
1875
XGA (1024 x 768)
786432
768
1536
2304
3072
HD (1280 x 720)
921600
900
1800
2700
3600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com