Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 16Page - STMicroelectronics STM32F469 Datasheet HTML 17Page - STMicroelectronics STM32F469 Datasheet HTML 18Page - STMicroelectronics STM32F469 Datasheet HTML 19Page - STMicroelectronics STM32F469 Datasheet HTML 20Page - STMicroelectronics STM32F469 Datasheet HTML 21Page - STMicroelectronics STM32F469 Datasheet HTML 22Page - STMicroelectronics STM32F469 Datasheet HTML 23Page - STMicroelectronics STM32F469 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
LCD-TFT (LTDC) display controller description
AN4861
20/91
DocID029237 Rev 2
3
LCD-TFT (LTDC) display controller description
The LTDC is a controller that reads the data of images in a line per line fashion. Its memory
access mode is 64 bytes length, but when the end of a line is reached and less than
64 bytes are left, the LTDC fetches the remaining data.
3.1
Functional description
On every pixel clock-raising edge or clock-falling edge and within the screen active area, the
LTDC layer retrieves one pixel data from its FIFO, converts it to the internal ARGB8888 pixel
format and blends it with the background and / or with the other layer pixel color. The
resulting pixel, coded in the RGB888 format, goes through the dithering unit and is driven
into the RGB interface. The pixel is then displayed on the screen.
Figure 11. LTDC Block digram
3.1.1
LTDC clock domains
The LCD-TFT controller peripheral uses three clock domains:
AHB clock domain (HCLK): used to transfer data from the memories to the FIFO layer
and the other way around.
APB clock domain (PCLK): used to access the configuration and status registers.
The pixel clock domain (LCD_CLK): used to generate the LCD-TFT interface signals.
The LCD_CLK output should be configured following the panel requirements through
the PLL.
3.1.2
LTDC reset
The LTDC is reset by setting the LTDCRST bit in the RCC_APB2RSTR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com