Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 7 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 7 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 3Page - ams AG AS5047U-HTST Datasheet HTML 4Page - ams AG AS5047U-HTST Datasheet HTML 5Page - ams AG AS5047U-HTST Datasheet HTML 6Page - ams AG AS5047U-HTST Datasheet HTML 7Page - ams AG AS5047U-HTST Datasheet HTML 8Page - ams AG AS5047U-HTST Datasheet HTML 9Page - ams AG AS5047U-HTST Datasheet HTML 10Page - ams AG AS5047U-HTST Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
ams Datasheet
Page 7
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Electrical Characteristics
Magnetic Characteristics
Figure 7:
Magnetic Characteristics
System Specifications
Figure 8:
System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Bz
Orthogonal Magnetic
Field Strength
Required orthogonal component of
the magnetic field strength
measured at the package surface
along a circle of 1.1mm
35
70
mT
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Core and resolution on
SPI
14
bit
RES_ABI
Resolution of the ABI
interface
Programmable with
register setting
(ABIRES)
25
4096
steps
INLOPT @ 25°C
Non-linearity, optimum
placement of the
magnet
±0.4
±0.8
degree
INLOPT+TEMP
Non-linearity, optimum
placement of magnet
and temperature -40°C
to 150°C
±0.6
±1
degree
INLDIS+TEMP
Non-linearity @
displacement of
magnet and
temperature -40°C to
150°C
Assuming N35H
Magnet
(D=8mm, H=3mm)
500
μm displacement
in x and y
z-distance = 2000
μm
±1.2
degree
ONL
RMS output noise
without filter (1 sigma)
on SPI, ABI, PWM and
UVW. Not tested,
guaranteed by design
Orthogonal
component for the
magnetic field within
the specified range
(Bz), NOISESET= 0
0.034
0.068
degree
ONH
RMS output noise
without filter (1 sigma)
on SPI, ABI, PWM and
UVW. Not tested,
guaranteed by design
Orthogonal
component for the
magnetic field within
the specified range
(Bz), NOISESET = 1
0.041
0.082
degree
tdelay
System propagation
delay –core
Reading angle via SPI
90
110
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com