Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 34 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 34 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 30Page - ams AG AS5047U-HTST Datasheet HTML 31Page - ams AG AS5047U-HTST Datasheet HTML 32Page - ams AG AS5047U-HTST Datasheet HTML 33Page - ams AG AS5047U-HTST Datasheet HTML 34Page - ams AG AS5047U-HTST Datasheet HTML 35Page - ams AG AS5047U-HTST Datasheet HTML 36Page - ams AG AS5047U-HTST Datasheet HTML 37Page - ams AG AS5047U-HTST Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
PWM
The PWM can be enabled with the bit setting PWMon. The PWM
encoded signal is displayed on the pin W or the pin I. The bit
setting UVW_ABI defines which output is used as PWM. The
PWM output consists of a frame of 4119 PWM clock periods, as
shown in Figure 53. The PWM frame has the following sections:
• 12 PWM clock periods for INIT
• 4 PWM clock periods for error detection
• 4095 PWM clock periods of data
• 8 PWM clock periods low
The angle is represented in the data part of the frame with a
12-bit resolution. One PWM clock period represents 0.088
degree and has a typical duration of 444 ns.
If the embedded diagnostic of the AS5047U detects any error
the PWM interface displays only 12 clock periods high
(0.3% duty-cycle). Respectively the 4 clocks for error detection
are forced to low.
Figure 53:
Pulse Width Modulation Encoded Signal
time
4095 clock periods
data
8 clock periods
low
12 clock periods
high
4 clock
periods
Error
detection
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com