Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 26 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 26 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 22Page - ams AG AS5047U-HTST Datasheet HTML 23Page - ams AG AS5047U-HTST Datasheet HTML 24Page - ams AG AS5047U-HTST Datasheet HTML 25Page - ams AG AS5047U-HTST Datasheet HTML 26Page - ams AG AS5047U-HTST Datasheet HTML 27Page - ams AG AS5047U-HTST Datasheet HTML 28Page - ams AG AS5047U-HTST Datasheet HTML 29Page - ams AG AS5047U-HTST Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
Figure 38:
ANGLEUNC (0x3FFE)
Figure 39:
ECC_s (0x3FD0)
Figure 40:
ANGLECOM(0x3FFF)
Non-Volatile Registers (OTP)
The OTP (One-Time Programmable) memory is used to store the
absolute zero position of the sensor and the customer settings
permanently in the sensor IC. SPI write/read access is possible
several times for all non-volatile registers (soft write). Soft
written register content will be lost after a hardware reset. The
programming itself can be done just once. Therefore the
content of the non-volatile registers is stored permanently in
the sensor. The register content is still present after a hardware
reset and cannot be overwritten. For a correct function of the
sensor the OTP programming is not required. If no
configuration or programming is done, the non-volatile
registers are in the default state 0x0000.
Figure 41:
Non-Volatile Register Table
Name
Read/Write
Bit Position
Description
ANGLEUNC
R
13:0
Angle information without dynamic angle error
compensation
Name
Read/Write
Bit Position
Description
ECC_s
R
6:0
Calculated ECC checksum
Name
Read/Write
Bit Position
Description
ANGLECOM
R
13:0
Angle information with dynamic angle error
compensation
Address
Name
Default
Description
0x0015
DISABLE
0x0000
Outputs and filter disable register
0x0016
ZPOSM
0x0000
Zero position MSB
0x0017
ZPOSL
0x0000
Zero position LSB/ MAG diagnostic
0x0018
SETTINGS1
0x0000
Custom setting register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com