Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 15 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 15 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 11Page - ams AG AS5047U-HTST Datasheet HTML 12Page - ams AG AS5047U-HTST Datasheet HTML 13Page - ams AG AS5047U-HTST Datasheet HTML 14Page - ams AG AS5047U-HTST Datasheet HTML 15Page - ams AG AS5047U-HTST Datasheet HTML 16Page - ams AG AS5047U-HTST Datasheet HTML 17Page - ams AG AS5047U-HTST Datasheet HTML 18Page - ams AG AS5047U-HTST Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
ams Datasheet
Page 15
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Detailed Description
Speed Measurements
Rotation Speed Measurement
The AS5047U features an average angular velocity calculation
algorithm with 14-bit resolution. This angular velocity
information is available over SPI and can be used without
further averaging in the ECU.
Figure 16:
Angular Velocity Measurement Parameter
Figure 17:
Angular Velocity Measurement Filter Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VRes
Velocity signal
resolution
14
bit
Two's complement
value
VRange
Measurement range
(default)
-28000
28000
rpm
VSens
Velocity sensitivity
(default)
24.141
º/s/bit
14-bit resolution
VError
Velocity total error
±5
%
Based on actual
rotation speed
FCutoff
Cut off frequency
16.9
68.4
231
Hz
Depending on K value
(see adaptive filter
system)
Filter Setting
Typ
Unit
Notes
K=0
5.8
°/s
RMS noise
K=1
6
K=2
8.4
K=3
19.8
K=4
51.8
K=5
121.9
K=6
244.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com