Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 32 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 32 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 28Page - ams AG AS5047U-HTST Datasheet HTML 29Page - ams AG AS5047U-HTST Datasheet HTML 30Page - ams AG AS5047U-HTST Datasheet HTML 31Page - ams AG AS5047U-HTST Datasheet HTML 32Page - ams AG AS5047U-HTST Datasheet HTML 33Page - ams AG AS5047U-HTST Datasheet HTML 34Page - ams AG AS5047U-HTST Datasheet HTML 35Page - ams AG AS5047U-HTST Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
UVW Commutation Interface
The AS5047U can emulate the UVW signals generated by the
three discrete Hall switches commonly used in BLDC motors.
The UVWPP field in the SETTINGS3 register selects the number
of pole pairs of the motor (from 1 to 7 pole pairs). The UVW
signals are generated based on14-bit core resolution.
During the start-up time, after power on of the chip, the UVW
signals are low.
Figure 51:
UVW Signals
The Figure 51 shows the UVW signal flow if the magnet rotates
in clockwise direction and counter-clockwise direction (DIR=0).
The rotation direction of the magnet is defined as clockwise
(DIR=0) when the view is from the topside of AS5047U. With the
bit DIR, it is possible to invert the rotation direction.
180°
240°
300°
360°
120°
60°
U
V
W
0°
angle
Clockwise rotation
Counter-clockwise rotation
180°
240°
300°
360°
120°
60°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com