Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 11 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 11 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 7Page - ams AG AS5047U-HTST Datasheet HTML 8Page - ams AG AS5047U-HTST Datasheet HTML 9Page - ams AG AS5047U-HTST Datasheet HTML 10Page - ams AG AS5047U-HTST Datasheet HTML 11Page - ams AG AS5047U-HTST Datasheet HTML 12Page - ams AG AS5047U-HTST Datasheet HTML 13Page - ams AG AS5047U-HTST Datasheet HTML 14Page - ams AG AS5047U-HTST Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
ams Datasheet
Page 11
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Detailed Description
Power Management
The AS5047U can be either powered from a 5.0V supply using
the on-chip low-dropout regulator or from a 3.3V voltage
supply. The LDO regulator is not intended to power any other
loads, and it needs a 1
μF capacitor to ground located close to
chip for decoupling as shown in Figure 11.
In 3.3.V operation, VDD and VREG shall connected together. In
this configuration, normal noise performance (ONL) is available
at reduced maximum temperature (125°C) by clearing
NOISESET to 0. When NOISESET is set to 1, the full temperature
range is available with reduced noise performance (ONH).
Figure 10:
Temperature Range and Output Noise Without Filtering in 3.3V and 5.0V Mode
Figure 11:
5.0V and 3.3V Power Supply Options
VDD (V)
NOISESET
Temperature Range (°C)
RMS Output Noise (degree)
5.0
0
-40 to 150
0.068
3.3
0
-40 to 125
0.068
3.3
1
-40 to 150
0.082
VDD3V3
1uF
LDO
AS5 47U
5.0V Operation
VDD
GND
100nF
3.0 – 3.6V
VDD3V3
LDO
AS5 47U
3.3 V Operation
VDD
GND
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com