Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 1 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 1 Page - ams AG

  AS5047U-HTST Datasheet HTML 1Page - ams AG AS5047U-HTST Datasheet HTML 2Page - ams AG AS5047U-HTST Datasheet HTML 3Page - ams AG AS5047U-HTST Datasheet HTML 4Page - ams AG AS5047U-HTST Datasheet HTML 5Page - ams AG AS5047U-HTST Datasheet HTML 6Page - ams AG AS5047U-HTST Datasheet HTML 7Page - ams AG AS5047U-HTST Datasheet HTML 8Page - ams AG AS5047U-HTST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
ams Datasheet
Page 1
[v1-00] 2018-Oct-30
Document Feedback
AS5047U
14-Bit On-Axis Magnetic Rotary
Position Sensor with Up to 14-Bit
Binary Incremental Pulse Count
The AS5047U is a high-resolution rotary position sensor for fast
absolute angle measurement over a full 360-degree range. This
new position sensor is equipped with a revolutionary
integrated dynamic angle error compensation (DAEC™) with
almost 0 latency at higher rotational speed. For increased signal
quality at lower rotational speed, the dynamic filter system
(DFS™) reduces transition noise.
The robust design of the device suppresses the influence of any
homogenous external stray magnetic field. A standard 4-wire
SPI serial interface with a CRC protection allows a host
microcontroller to read 14-bit absolute angle position data
from the AS5047U and to program non-volatile settings without
a dedicated programmer.
Incremental movements are indicated on a set of ABI signals
with a maximum resolution of 16989 steps / 4096 pulses per
revolution.
Brushless DC (BLDC) motors are controlled through a standard
UVW commutation interface with a programmable number of
pole pairs from 1 to 7. The absolute angle position is also
provided as PWM-encoded output signal.
AS5047U are single die sensors and are available in a TSSOP14
Package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using the AS5047U
Benefits
Features
• Easy to use – saving costs on DSP
• DAEC ™ Dynamic angle error compensation
• DFS ™ Dynamic filter system
• Higher durability and lower system costs (no
shield needed)
• Magnetic stray field immunity
• Versatile choice of the interface
• Independent output interfaces: SPI, ABI, UVW, PWM
General Description


Similar Part No. - AS5047U-HTST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5047D AMSCO-AS5047D Datasheet
633Kb / 37P
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
AS5047D AMSCO-AS5047D Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
AS5047D AMSCO-AS5047D_V01 Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
AS5047P AMSCO-AS5047P Datasheet
539Kb / 40P
14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
AS5047P-ATSM AMSCO-AS5047P-ATSM Datasheet
539Kb / 40P
14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
More results

Similar Description - AS5047U-HTST

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
14-bit Binary Counter
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
Magnetic Rotary Encoder 14-bit Angular Position Sensor
AS5047D AMSCO-AS5047D Datasheet
633Kb / 37P
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
AS5147 AMSCO-AS5147 Datasheet
739Kb / 35P
14-Bit On-Axis Magnetic Rotary Position Sensor
AS5247 AMSCO-AS5247 Datasheet
1Mb / 37P
14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
AS5047P AMSCO-AS5047P Datasheet
539Kb / 40P
14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
AS5147P AMSCO-AS5147P Datasheet
520Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5047D AMSCO-AS5047D_V01 Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com