Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 5 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 5 Page - ams AG

  AS5047U-HTST Datasheet HTML 1Page - ams AG AS5047U-HTST Datasheet HTML 2Page - ams AG AS5047U-HTST Datasheet HTML 3Page - ams AG AS5047U-HTST Datasheet HTML 4Page - ams AG AS5047U-HTST Datasheet HTML 5Page - ams AG AS5047U-HTST Datasheet HTML 6Page - ams AG AS5047U-HTST Datasheet HTML 7Page - ams AG AS5047U-HTST Datasheet HTML 8Page - ams AG AS5047U-HTST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
ams Datasheet
Page 5
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operational
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD5
DC Supply Voltage at VDD pin
-0.3
7.0
V
Not operational
VDD3
DC Supply Voltage at
VDD3V3 pin
-0.3
5.0
V
Not operational
VSS
DC Supply Voltage at GND
pin
-0.3
0.3
V
Vin
Input Pin Voltage
VDD+0.3
V
Iscr
Input Current
(latch-up immunity)
-100
100
mA
AEC-Q100-004
Total Power Dissipation
PT
Total Power Dissipation
(all supplies and outputs)
150
mW
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2
kV
AEC-Q100-002
Temperature Ranges and Storage Conditions
TAMB
Operating Temperature
Range
-40
150
°C
Ambient temperature
TaProg
Programming Temperature
5
45
°C
Programming @ room
temperature (25°C ± 20°C)
TSTRG
Storage Temperature Range
-55
150
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020
RHNC
Relative Humidity
(non-condensing)
585
%
MSL
Moisture Sensitivity Level
3
Represents a maximum floor
lifetime of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com