Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 40 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 40 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 36Page - ams AG AS5047U-HTST Datasheet HTML 37Page - ams AG AS5047U-HTST Datasheet HTML 38Page - ams AG AS5047U-HTST Datasheet HTML 39Page - ams AG AS5047U-HTST Datasheet HTML 40Page - ams AG AS5047U-HTST Datasheet HTML 41Page - ams AG AS5047U-HTST Datasheet HTML 42Page - ams AG AS5047U-HTST Datasheet HTML 43Page - ams AG AS5047U-HTST Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Application Information
15. Clear the memory content by writing 0x00 in the whole
non-volatile memory
16. Set the PROGVER = 1 to set the Guard band for the guard
band test.1
17. Refresh the non-volatile memory content with the OTP
content by setting OTPREF = 1
18. Read reg(0x0016) to reg(0x001B)
→ read register step2
19. Comparison of written content (settings and angle) with
content of read register step2. If a deviation in the
comparison occurs, the guard band test was not
successful. Reprogramming is not allowed!
Mandatory: guard band test
20. New power on cycle.
21. Read reg(0x0016) to Reg(0x001B)
→ read register step3
22. Comparison of written content (settings and angle) with
content of read register step3. If a deviation in the
comparison occurs, the power on test was not
successful. Reprogramming is not allowed!
23. If point 18 is correct, the programming was successful.
1. Guard band test:
Restricted to temperature range: 25 °C ± 20 °C
Right after the programming procedure (max. 1 hour with same conditions 25°C ± 20 °C), same VDD voltage.
The guard band test is only for the verification of the burned OTP fuses during the programming sequence.
A use of the guard band in other cases is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com