Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047U-HTST Datasheet(PDF) 28 Page - ams AG

Part # AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Datasheet(HTML) 28 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 24Page - ams AG AS5047U-HTST Datasheet HTML 25Page - ams AG AS5047U-HTST Datasheet HTML 26Page - ams AG AS5047U-HTST Datasheet HTML 27Page - ams AG AS5047U-HTST Datasheet HTML 28Page - ams AG AS5047U-HTST Datasheet HTML 29Page - ams AG AS5047U-HTST Datasheet HTML 30Page - ams AG AS5047U-HTST Datasheet HTML 31Page - ams AG AS5047U-HTST Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
Figure 45:
SETTINGS1 (0x0018)
Figure 46:
SETTINGS2 (0x0019)
Name
Read/Write/Program
Bit Position
Description
K_max
R/W/P
2:0
K max for adaptive filter setting
K_min
R/W/P
5:3
K min for adaptive filter setting
Dia3_en
R/W/P
6
Default=0; only applicable for automotive
version AS5147U
Dia4_en
R/W/P
7
Default=0; only applicable for automotive
version AS5147U
Name
Read/Write/Program
Bit Position
Description
IWIDTH
R/W/P
0
0: 3 pulses
1: 1 pulses
NOISESET
R/W/P
1
Noise setting for 3.3V operation at 150°C
DIR
R/W/P
2
Rotation direction
UVW_ABI
R/W/P
3
Defines the PWM output
(0=ABI is operating, W is used as PWM)
(1=UVW is operating, I is used as PWM)
DAECDIS
R/W/P
4
Disable dynamic angle error compensation
(0=DAE compensation ON,
1=DAE compensation OFF)
ABI_DEC
R/W/P
5
ABI setting to decimal count
Data_select
R/W/P
6
This bit defines which data can be read from
address 16383dec (3FFFhex)
0-> ANGLECOM
1-> ANGLEUNC
PWMon
R/W/P
7
Enables PWM (setting of UVW_ABI bit
necessary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com