Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 4Page - ATMEL Corporation ATSAM9743 Datasheet HTML 5Page - ATMEL Corporation ATSAM9743 Datasheet HTML 6Page - ATMEL Corporation ATSAM9743 Datasheet HTML 7Page - ATMEL Corporation ATSAM9743 Datasheet HTML 8Page - ATMEL Corporation ATSAM9743 Datasheet HTML 9Page - ATMEL Corporation ATSAM9743 Datasheet HTML 10Page - ATMEL Corporation ATSAM9743 Datasheet HTML 11Page - ATMEL Corporation ATSAM9743 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
ATSAM9743
1773B–DRMSD–11/02
Figure 3. Package Description: PQFP100, Pitch = 0.65 mm
Table 4. Pinout by Pin Number
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
1
P1.11/WD11
26
CLBD
51
P0.1/WA1
76
P2.12/WR
2
P1.12/WD12
27
VC3
52
P0.2/WA2
77
P2.11/RD
3
VC3
28
P3.1/D1
53
P3.6/D6
78
P2.6/WA17
4
P3.8/IRQ
29
P2.4/RBS
54
P3.7/D7
79
P2.7/WA18
5
GND
30
P3.3/D2
55
P0.3/WA3
80
P2.8/WA19
6
P1.13/WD13
31
VCC
56
P0.4/WA4
81
P3.12
7
P3.11/MIDI_OUT
32
P3.3/D3
57
VCC
82
P2.9/WA20
8
P1.14/WD14
33
GND
58
P0.5/WA5
83
P1.0/WD0
9
P1.15/WD15
34
P2.15/DAAD0
59
GND
84
P1.1/WD1
10
GND
35
DABD0
60
P0.6/WA6
85
P1.2/WD2
11
VC3
36
P2.14/DABD1
61
VC3
86
P1.3/WD3
12
LFT
37
WSBD
62
GND
87
VCC
13
X1
38
P2.3/WWE
63
P0.7/WA7
88
GND
14
X2
39
P2.0/WCS0
64
P0.8/WA8
89
P1.4/WD4
15
RESET
40
P2.1/WCS1
65
P0.9/WA9
90
P1.5/WD5
16
PDWN
41
P2.2/WOE
66
P2.13/A0
91
P1.6 /WD6
17
VCC
42
TEST0
67
P0.10/WA10
92
P1.7/WD7
18
GND
43
TEST1
68
P0.11/WA11
93
P3.15/DAAD1
19
P3.10/MIDI_IN
44
TEST2
69
P0.12/WA12
94
P2.10/CS
20
P3.9/RUN
45
GND
70
P0.13/WA13
95
CKOUT
21
VC3
46
VCC
71
P0.14/WA14
96
P1.8/WD8
22
GND
47
GND
72
P0.15/WA15
97
P1.9/WD9
23
P3.13
48
P0.0/WA0
73
VCC
98
P1.10/WD10
24
P3.14
49
P3.4/D4
74
P2.5/WA16
99
GND
25
P3.0/D0
50
P3.5/D5
75
GND
100
VCC
DREAM
ATSAM9743
51
81
80
50
31
30
1
100
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com