Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 11Page - ATMEL Corporation ATSAM9743 Datasheet HTML 12Page - ATMEL Corporation ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation ATSAM9743 Datasheet HTML 15Page - ATMEL Corporation ATSAM9743 Datasheet HTML 16Page - ATMEL Corporation ATSAM9743 Datasheet HTML 17Page - ATMEL Corporation ATSAM9743 Datasheet HTML 18Page - ATMEL Corporation ATSAM9743 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
ATSAM9743
1773B–DRMSD–11/02
Overview of
Operation
This section limits its contents to a description of the operation and registers specific to the
ATSAM9743. A familiar understanding of the ATSAM97xx series operation is required.
Normal Operation
Mode
TEST2 = TEST1 = TEST0 = O:
In this mode, the built-in Flash is assumed to be already programmed. After RESET, all pins
are in configuration #1 and all general purpose I/Os (64 pins) are in input mode with a weak
pull-down resistor.
The P16 program starts at address 8000H, which is the first word of the internal Flash.
The program coded in Flash or into external memory has access to nine specific 16-bit regis-
ters as follows.
I/O Configuration
Register Address
20:0808H (Read/Write)
This register is cleared at reset. A one written to the register indicates that the corresponding alternate configuration #2 is
selected as follows:
•
RAM: WA[15:0], WD[7:0], WCS1, WOE, WWE, RBS
•ROM: WCS0, WD[15:8]
•
AD[20:16], Respective WA[20:16] signals
•HOST: CS, RD, WR, A0, D[7:0]
•
IRQ: IRQ
•
DABD1, DABD0, RUN, MIDI_IN, MIDI_OUT: Corresponding pins
I/O Direction Registers
Address 20:0804H to
20:0807H (Read/Write)
These four registers (one for each General-purpose I/O port P0 to P3) are cleared at reset,
thus putting all port bits in input mode.
A one in a given bit position configures the corresponding port bit in output mode (assuming
that no alternate function is selected for the port bit).
I/O Data Write Registers
Address 20:0800H to
20:803H (Read/Write)
These four registers (one for each General Purpose I/O port P0 to P3) are cleared at power-
up. A 0/1 written in a given bit position sets the corresponding port bit to 0/1, assuming that no
alternate function is selected for the port bit and that the port bit is in output mode.
A read from the register always returns the value written to the register independently of the
actual port configuration.
I/O Data Reads Registers
Address 20:810H to
20:0813H (Read-only)
A read from these registers always returns the value of the pins independently of the configu-
ration. For example, suppose that P3.10 is configured as MIDI_IN, then setting the direction to
output and writing data to P3.10 will have no effect. However, the actual value of the MIDI_IN
pin would be read.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XX
MIDI_
OUT
MIDI_
IN
RUN
DAAD0 DABD1
IRQ
HOST
AD20
AD19
AD18
AD17
AD16
ROM
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com