Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 9Page - ATMEL Corporation ATSAM9743 Datasheet HTML 10Page - ATMEL Corporation ATSAM9743 Datasheet HTML 11Page - ATMEL Corporation ATSAM9743 Datasheet HTML 12Page - ATMEL Corporation ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation ATSAM9743 Datasheet HTML 15Page - ATMEL Corporation ATSAM9743 Datasheet HTML 16Page - ATMEL Corporation ATSAM9743 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
ATSAM9743
1773B–DRMSD–11/02
Parallel Interface
Figure 7. Host Interface Read Cycle
Figure 8. Host Interface Write Cycle
tDRH
tRDLDV
tRDHCSH
tPRD
tCSLRDL
tAVCS
A0
CS
RD
D[15:0]
tDWH
tDWS
tWRHCSH
tPWR
tCSLWRL
tAVCS
A0
CS
WR
D[15:0]
Table 10. Parameters for the Parallel Interface
Symbol
Parameter
Min
Typ
Max
Unit
tAVCS
Address valid to chip select low
0
ns
t
CSLRDL
Chip select low to RD low
5
ns
t
RDHCSH
RD high to CS high
5
ns
tPRD
RD pulse width
50
ns
t
RDLDV
Data out valid from RD
20
ns
t
DRH
Data out hold from RD
510
ns
tCSLRWRL
Chip select low to WR low
5
ns
t
WRHCSH
WR high to CS high
5
ns
t
PWR
WR pulse width
50
ns
tDWS
Write data setup time
10
ns
t
DWH
Write data hold time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com