Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 8Page - ATMEL Corporation ATSAM9743 Datasheet HTML 9Page - ATMEL Corporation ATSAM9743 Datasheet HTML 10Page - ATMEL Corporation ATSAM9743 Datasheet HTML 11Page - ATMEL Corporation ATSAM9743 Datasheet HTML 12Page - ATMEL Corporation ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation ATSAM9743 Datasheet HTML 15Page - ATMEL Corporation ATSAM9743 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
ATSAM9743
1773B–DRMSD–11/02
Table 9. Parameters for External 8-bit SRAM Read/Write
Symbol
Parameter
Min
Typ
Max
Unit
tRC
Word (2 x bytes) read cycle time
5 x tCK
6 x tCK
ns
t
CSOE
Chip select low. Address valid to WOE low
2 x t
CK - 5
3 x t
CK + 5
ns
t
POE
Output enable pulse width
3 x t
CK
ns
tACE
Chip select. Access low byte access time.
3 x tCK - 5
ns
t
OE
Output enable low byte access time
t
CK - 5
ns
t
ORB
Output enable low to byte select high
t
CK
ns
tACH
Byte select high byte access time
2 x tCK- 5
ns
t
DF
Chip select or WOE high to input data HI-Z
0
2 x t
CK - 5
ns
t
WC
Write (2 x bytes) write cycle time
5 x t
CK
6 x t
CK
ns
tCSWE
1st WWE low from CS or address or WOE
2 x tCK - 10
ns
t
WP
Write (low and high byte) pulse width
1.5 x t
CK - 5
ns
t
DW1
Data out low byte setup time
1.5 x t
CK - 10
ns
tDH1
Data out low byte hold time
0.5 x tCK + 10
ns
t
AS
RBS high to second write pulse
0.5 x t
CK - 5
ns
t
DW2
Data out high byte setup time
2 x t
CK - 10
ns
tDH2
Data out high byte hold time
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com