Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 6Page - ATMEL Corporation ATSAM9743 Datasheet HTML 7Page - ATMEL Corporation ATSAM9743 Datasheet HTML 8Page - ATMEL Corporation ATSAM9743 Datasheet HTML 9Page - ATMEL Corporation ATSAM9743 Datasheet HTML 10Page - ATMEL Corporation ATSAM9743 Datasheet HTML 11Page - ATMEL Corporation ATSAM9743 Datasheet HTML 12Page - ATMEL Corporation ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
ATSAM9743
1773B–DRMSD–11/02
Timing
Diagrams
All timing conditions: V
CC = 5V, VC3 = 3.3V, TA = 25°C, 30 pF load capacitance on all outputs
except X2. All timings refer to t
CK, which is the internal master clock period.
t
CK = tXTAL/4 (typ 31.25 ns).
External Memory
(16 bits)
Figure 4. External ROM/RAM (16 bits)
tCSDV
tRWCSH
tRW
tRWDX
tRWDV
tAVDV
tRWHADX
WCS0
WOE
WD[15:0]
WA[20:0]
WCS1
WWE
Table 8. Parameters for External Memory Read/Write Cycle (16 bits)
Symbol
Parameter
Min
Typ
Max
Unit
t
CSDV
Access time from WCSx low
5 x t
CK - 5
ns
t
RWDV
Access time from WOE, WWE low
3 x t
CK - 5
ns
tAVDV
Access time from address valid
5 x tCK - 5
ns
t
RW
WOE, WWE pulse width
4 x t
CK
ns
t
RWHCSH
WCSx high from rising WOE or WWE
10
ns
tRWHADX
Address valid after rising WOE or WWE
10
ns
t
RWDX
Data hold time from rising WOE or WWE
10
6 x t
CK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com