Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation ATSAM9743 Datasheet HTML 15Page - ATMEL Corporation ATSAM9743 Datasheet HTML 16Page - ATMEL Corporation ATSAM9743 Datasheet HTML 17Page - ATMEL Corporation ATSAM9743 Datasheet HTML 18Page - ATMEL Corporation ATSAM9743 Datasheet HTML 19Page - ATMEL Corporation ATSAM9743 Datasheet HTML 20Page - ATMEL Corporation ATSAM9743 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
ATSAM9743
1773B–DRMSD–11/02
Flash Program
and Test
Registers
Three additional write I/O registers and two read I/O registers are implemented for the built-in
Flash program and test, as follows.
FADDTEST Register
Address 0020:080AH
(Read/Write)
This 15-bit register provides the addtest<14:0> address bus to the Flash block. This is the
address register when programming the Flash.
FDI Register
Address 0020:080BH
(Read/Write)
This 16-bit register provides the di<15:0> data bus to the Flash block. This is the data register
when programming the Flash.
FCOMMAND Register
Address 0020:0809H
(Cleared at RESET time)
(Read/Write)
•
RSTT,CEN, WE, PAGEM, PAGE1,TM5–TM0: Signals sent to corresponding Flash block inputs. These signals, with
proper timing, provide Flash programming.
FSTATUS Register
Address 0020:0809H
(Read-only)
•
RDYBSYN and DOUTEN: These Flash signals provide write-progress monitoring respectively.
•
TEST0–TEST2: Input pins, respectively.
FDOTEST Register
(Read-only)
Reads the dotest <15:0> Flash data output bus for test modes.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RSTT
CEN
WE
PAGEM PAGE1
TM5
TM4
TM3
TM2
TM1
TM0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
TEST2 TEST1 TEST0
XXXXXX
DOUTEN RDYBSYN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com