Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation ATSAM9743 Datasheet HTML 15Page - ATMEL Corporation ATSAM9743 Datasheet HTML 16Page - ATMEL Corporation ATSAM9743 Datasheet HTML 17Page - ATMEL Corporation ATSAM9743 Datasheet HTML 18Page - ATMEL Corporation ATSAM9743 Datasheet HTML 19Page - ATMEL Corporation ATSAM9743 Datasheet HTML 20Page - ATMEL Corporation ATSAM9743 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
ATSAM9743
1773B–DRMSD–11/02
Memory Map
Note:
If programmed as an alternate function, WCSO is generated even if the firmware accesses the
built-in Flash or ROM. In this case the external ROM data is not used.
Flash
Programing
Performance
Typical programming times for the 24K x 16 Flash are as follows:
MIDI baud rate 31250 bauds, TEST0 = 1, TEST2 = 0: 33 seconds
57600 bauds, TEST0 = 1, TEST2 = 1: 19 seconds
Crystal
Compensation/
LFT FIlter
Figure 11. Recommended Crystal Compensation and LFT Filter
Note:
The ATSAM9743 uses a low power oscillator. No compensation capacitor is necessary. How-
ever, because the crystal drive is very small, it is mandatory to keep the X1/X2 traces as small
as possible.
Table 13. Description of the ATSAM9743 Memory Map
Address Low
Address High
Access
0000:0000
0000:00FF
ATSAM97xx Standard Routine ROM
0000:0100
0000:03FF
Built-in ROM for Flash program & debug routines
0000:400
0000:7FFF
Optional external ROM
0000:8000
0000:DFFF
Built-in Flash (24K x 16)
0000:E000
001F:FFFF
Optional external ROM (WCS0)
0020:0000
0020:07FF
Built-in SRAM (2K x 16)
0020:0800
0020:0815
ATSAM9743 specific I/Os
0020:0816
01FF:FFFF
Not used
0200:0000
021F:FFFF
Optional external RAM (WCS1)
LFT
X2
X1
X1
R1
100
Ω
C2
22p
C3
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com