Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 12Page - ATMEL Corporation ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation ATSAM9743 Datasheet HTML 15Page - ATMEL Corporation ATSAM9743 Datasheet HTML 16Page - ATMEL Corporation ATSAM9743 Datasheet HTML 17Page - ATMEL Corporation ATSAM9743 Datasheet HTML 18Page - ATMEL Corporation ATSAM9743 Datasheet HTML 19Page - ATMEL Corporation ATSAM9743 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
ATSAM9743
1773B–DRMSD–11/02
On Board Flash
Program/Debug
Mode
TEST1 = 0, TEST0 = 1:
In this mode, the P16 program starts in the built-in debug ROM. All ports are set to input mode
with a weak pull-down, except P3.10 and P3.11 which are set to MIDI_IN and MIDI_OUT,
respectively.
If TEST2 = 0, the baud rate is set to the MIDI standard (31250 baud). If TEST2 = 1 the baud
rate is set to 57600 baud. This later setting is useful when Flash programming time is a pro-
duction cost issue.
Programming the built-in Flash, or debugging a P16 program, occurs exclusively through the
MIDI_IN and MIDI_OUT pins, which means that any firmware can be debugged except the
MIDI part of the firmware (note that as the ATSAM9743 is compatible with the ATSAM97xx
series, it is easy to debug the MIDI with another development board such as 97PNP2).
MIDI_IN Commands
The following is only given for information purposes, as the CV9743 CodeView debugger
takes care of all the protocol handling between a PC and the ATSAM9743 target board.
Commands are received through MIDI_IN, all commands except GO and GR are acknowl-
edged. A new command should not be sent until the acknowledge from a previous command
is received.
Note that the commands are compatible with the standard Debug program from the
ATSAM97xx series.
The first command sent to the ATSAM9743 after reset should be INIT (0F0H).
Table 12. Parameters for MIDI_IN/MIDI_OUT Commands and Answers
MIDI_IN
Command
Byte
Parameters
MIDI_OUT
Answer
Description
INIT 0F0H
–
Ack (0ACH)
Establish link. This should be the first command sent after reset.
RDIRAM 00H
ad
dl, dh
Read P16 IRAM at ad
WRIRAM 01H
ad, dl, dh
Ack (0ACH)
Write dh/dl at P16 IRAM address ad
RDXTMEM
02H
adl, adh, pl, ph
dl, dh
Read word of P16 external memory at address ph/pl:adh/adl. Note that from a
P16 point of view, the built-in Flash and 2K x 16 SRAM are external memory.
WRXTMEM
03H
adl, adh, pl,
ph, dl, dh
Ack (0ACH)
Write dh/dl word of data to P16 external memory at address ph/pl:adh/adl. If
the address falls into the Flash range, then Flash-programming algorithm is
applied. Ack is returned after the write is completed.
RDIO 04H
ioad
dl, dh
Read P16 I/O at ioad
WRIO 05H
ioad, dl, dh
Ack (0ACH)
Write dh/dl at I/O address ioad
RDSAML 06H
samadl,
samadh
dl, dh
Read low word of synthesis DSP RAM at samadh/samadl
RDSAMH 07H
samadl,
samadh
dl, dh
Read high word of synthesis DSP RAM at samadh/samadl
WRSAM 08H
samadl,
samadh, d0,
d1, d2, d3
Ack (0ACH)
Write 32 bits (d3/d2/d1/d0) of data to Synthesis DSP RAM at address
samadh/samadl
GO 09H
adl, adh
See note
Jump to adh/adl (start firmware)
GR 0AH
Dummy
See note
Restore firmware context
RDBLOCK
0BH
adl, adh, pl,
ph, sizel, sizeh
2*size bytes
Read size words of external memory starting at address ph/pl/adh/adl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com