Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM9743 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATSAM9743
Description  Sound Synthesis Single-chip Music System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9743 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATSAM9743 Datasheet HTML 13Page - ATMEL Corporation ATSAM9743 Datasheet HTML 14Page - ATMEL Corporation ATSAM9743 Datasheet HTML 15Page - ATMEL Corporation ATSAM9743 Datasheet HTML 16Page - ATMEL Corporation ATSAM9743 Datasheet HTML 17Page - ATMEL Corporation ATSAM9743 Datasheet HTML 18Page - ATMEL Corporation ATSAM9743 Datasheet HTML 19Page - ATMEL Corporation ATSAM9743 Datasheet HTML 20Page - ATMEL Corporation ATSAM9743 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
ATSAM9743
1773B–DRMSD–11/02
Breakpoint Settings
Breakpoint is set by replacing a firmware instruction by the single word ROM Debug instruc-
tion. This instruction jumps into the ROM debug code, saves the caller program context and
sends data AAH, 55H to MIDI_OUT. This signals the 9743CV program that a breakpoint has
been reached. Further program execution will be done by restoring the instruction at the
breakpoint address, modifying the context stack (IP = IP-1) and issuing a GR command. The
GR command restores the user program context and resumes execution at the restored
instruction.
Debugger
Requirements
The debugger needs the following resources to operate:
•
One word at address 18H in IRAM
•
18 words of stack
•
8 words starting at address 20:0000H in built-in SRAM for FIFO
An additional 32 words of SRAM (20:0008H to 20:0027H) are needed for block Flash pro-
gramming (WRFLASH).
Specific Flash functions such as chip erase, signature fuse, etc. can be externally triggered by
using combinations of the above commands.
WRBLOCK
0CH
adl, adh, pl,
ph, sizel,
sizeh, 2*size
data bytes
Ack (0ACH)
Write size words to external memory starting at address ph/pl:adh/adl. This will
NOT work if the address is in the Flash range. Use WRFLASH command for
block programming of the built-in Flash.
WRFLASH
0DH
adl, adh, size,
2*size bytes
Ack (0ACH)
Write size words (max 32) to Flash, starting at address 8000H + adh/adl. The
block written shall not cross a 32 words Flash page. Before actually writing to
the Flash, Ack is returned immediately after the last data byte is received,
thereby allowing masked time Flash programming.
CHKFLASH
0EH
Dummy
Ack (0ACH)
Ack is returned when the current Flash write has been completed, thus
allowing monitoring of the completion of the last WRFLASH.
Table 12. Parameters for MIDI_IN/MIDI_OUT Commands and Answers (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com